Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ2185 Datasheet (PDF) - Diodes Incorporated

AZ2185 Datasheet PDF - Diodes Incorporated
Part # AZ2185
Download  AZ2185 Download
File Size   338.23 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3A LOW DROPOUT LINEAR REGULATOR

AZ2185 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ2185 Datasheet PDF - Diodes Incorporated

Part # AZ2185
Download  AZ2185 Click to download

File Size   338.23 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3A LOW DROPOUT LINEAR REGULATOR

AZ2185 Datasheet (HTML) - Diodes Incorporated


AZ2185 Product details

Features
Low Dropout Voltage: Typical 1.3V at 3A
Current Limiting and Thermal Protection
Output Current: 3A
Current Limit: 4.5A
Operating Junction Temperature: -40 to +125°C
Line Regulation: 0.015%/V (Typ)
Load Regulation: 0.1%/A (Typ)
Adjust Pin Current: 6μA (Typ)
Minimum Load Current: 0.3mA (Typ)
Compatible with Low ESR Ceramic Capacitor
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
High Efficiency Linear Regulators
Battery Charger
Digital Video/Camcorder
Post Regulation for Switching Supplies
Microprocessor Supply
Mother Board Power Supplies
DVD-video Player
Telecom Equipment
Set Top Boxes and Web Boxes Modules' Supply




Similar Part No. - AZ2185

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ2100 ETC-AZ2100 Datasheet
133Kb / 4P
MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2100 AZETTLER-AZ2100 Datasheet
145Kb / 4P
40A MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ2100-1A-110D ETC-AZ2100-1A-110D Datasheet
133Kb / 4P
MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2100-1A-110D AZETTLER-AZ2100-1A-110D Datasheet
145Kb / 4P
40A MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ2100-1A-110DE ETC-AZ2100-1A-110DE Datasheet
133Kb / 4P
MINIATURE POWER RELAY
More results


Similar Description - AZ2185

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
3A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
3A Low Dropout Linear Regulator
VER 1.2
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
3A LOW DROPOUT LINEAR REGULATOR
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com