Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48L32 Datasheet (PDF) - Cirrus Logic

CS48L32 Datasheet PDF - Cirrus Logic
Part # CS48L32
Download  CS48L32 Download
File Size   9365.27 Kbytes
Page   192 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-Power Audio DSP with Microphone Interface

CS48L32 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS48L32 Datasheet PDF - Cirrus Logic

Part # CS48L32
Download  CS48L32 Click to download

File Size   9365.27 Kbytes
Page   192 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-Power Audio DSP with Microphone Interface

CS48L32 Datasheet (HTML) - Cirrus Logic


CS48L32 Product details

Features
• Halo Core™ digital signal processor
— Dual MAC, 100 MHz audio signal processor
— 280 kB program memory, 768 kB data memory
— FFT, LMS, and FIR accelerators
• Event logger with time-stamp and interrupt functions
• Integrated multichannel 24-bit audio processor
— 104 dB signal-to-noise ratio (SNR) mic input (16 kHz)
• Programmable wideband, multimic audio processing
• Multichannel isochronous sample-rate conversion
• Up to four analog or digital microphone (DMIC) inputs
• Ultrasonic signal detection and demodulation
• Digital (PDM) output interface
• Two multichannel audio serial ports (ASP), supporting
data formats up to 192 kHz, 32 bits
• Flexible clocking configuration, incorporating a low-power
frequency-locked loop (FLL)
• Configurable functions on up to 16 general-purpose
input/output (GPIO) pins
• Integrated regulator and charge-pump circuits
— Switchable microphone supply/bias outputs
• WLCSP and QFN package variants, 0.4 mm pitch

Applications
• Smartphones and mobile accessories
• Always-on voice-triggered devices




Similar Part No. - CS48L32

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS48-35B CENTRAL-CS48-35B Datasheet
112Kb / 2P
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS48-35D CENTRAL-CS48-35D Datasheet
112Kb / 2P
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS48-35M CENTRAL-CS48-35M Datasheet
112Kb / 2P
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS48-35N CENTRAL-CS48-35N Datasheet
112Kb / 2P
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS48-35P CENTRAL-CS48-35P Datasheet
112Kb / 2P
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
More results


Similar Description - CS48L32

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3103 ATMEL-ATSAM3103 Datasheet
179Kb / 24P
ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
logo
Texas Instruments
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
AUDIO DSP WITH ANALOG INTERFACE
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
AUDIO DSP WITH ANALOG INTERFACE
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
Low-Power CODEC with Audio/Voice DSP
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com