Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2117 Datasheet (PDF) - Toshiba Semiconductor

2SC2117 Datasheet PDF - Toshiba Semiconductor
Part # 2SC2117
Download  2SC2117 Download
File Size   55.18 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description VHF BAND POWER AMPLIFIER APPLICATIONS.

2SC2117 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2117 Datasheet PDF - Toshiba Semiconductor

Part # 2SC2117
Download  2SC2117 Click to download

File Size   55.18 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description VHF BAND POWER AMPLIFIER APPLICATIONS.

2SC2117 Datasheet (HTML) - Toshiba Semiconductor


2SC2117 Product details

FEATURES :
Output Power : Po=2.8W (Min.)
(f=175MHz, VCC=13.5V, Pi=0.15W )
100% Tested for Load Mismatch Stress at All Phase
Angles with 30:1 VSWR @ Vcc=13.5V, Pi=4W, f=175MHz




Similar Part No. - 2SC2117

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2118 TOSHIBA-2SC2118 Datasheet
72Kb / 2P
VHF BAND POWER AMPLIFIER APPLICATIONS
More results


Similar Description - 2SC2117

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2420 TOSHIBA-2SC2420 Datasheet
126Kb / 2P
VHF BAND POWER AMPLIFIER APPLICATIONS
2SC2638 TOSHIBA-2SC2638 Datasheet
128Kb / 2P
TRANSISTOR (VHF BAND POWER AMPLIFIER APPLICATIONS)
2SC2639 TOSHIBA-2SC2639 Datasheet
127Kb / 2P
TRANSISTOR (VHF BAND POWER AMPLIFIER APPLICATIONS)
2SC2640 TOSHIBA-2SC2640 Datasheet
117Kb / 2P
TRANSISTOR (VHF BAND POWER AMPLIFIER APPLICATIONS)
2SC2178 TOSHIBA-2SC2178 Datasheet
181Kb / 2P
VHF BAND POWER AMPLIFIER APPLICATIONS
2SC2118 TOSHIBA-2SC2118 Datasheet
72Kb / 2P
VHF BAND POWER AMPLIFIER APPLICATIONS
2SC2782A TOSHIBA-2SC2782A Datasheet
175Kb / 4P
VHF BAND POWER AMPLIFIER APPLICATIONS
2SC1955 TOSHIBA-2SC1955 Datasheet
56Kb / 2P
VHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2102 TOSHIBA-2SC2102 Datasheet
59Kb / 2P
VHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2103A TOSHIBA-2SC2103A Datasheet
63Kb / 2P
VHF BAND POWER AMPLIFIER APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com