Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2204 Datasheet (PDF) - Toshiba Semiconductor

2SC2204 Datasheet PDF - Toshiba Semiconductor
Part # 2SC2204
Download  2SC2204 Download
File Size   93.99 Kbytes
Page   1 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH POWER SWITCHING APPLICATIONS.

2SC2204 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2204 Datasheet PDF - Toshiba Semiconductor

Part # 2SC2204
Download  2SC2204 Click to download

File Size   93.99 Kbytes
Page   1 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH POWER SWITCHING APPLICATIONS.

2SC2204 Datasheet (HTML) - Toshiba Semiconductor


2SC2204 Product details

FEATURES :
High Voltage: VCEO 400V (Min.)(2SC2204)
VCEO=300V (Min.) (2SC2220)
VCBO-800V (Min.)(2SC2204)
VCBO=500V (Min.)(2SC2220)
High Speed Switching : tf=0.7us (Typ.)




Similar Part No. - 2SC2204

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SC2200 NJSEMI-2SC2200 Datasheet
144Kb / 1P
SILICON NPN TRIPLE DIFFUSED TYPE
logo
Panasonic Semiconductor
2SC2206 PANASONIC-2SC2206 Datasheet
53Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
logo
Savantic, Inc.
2SC2209 SAVANTIC-2SC2209 Datasheet
129Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2209 ISC-2SC2209 Datasheet
249Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC2209 SAVANTIC-2SC2209 Datasheet
131Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SC2204

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT15J321 TOSHIBA-GT15J321 Datasheet
311Kb / 7P
High Power Switching Applications Fast Switching Applications
GT20J321 TOSHIBA-GT20J321 Datasheet
329Kb / 7P
High Power Switching Applications Fast Switching Applications
MP4005 TOSHIBA-MP4005 Datasheet
208Kb / 8P
High Power Switching Applications
GT15M321 TOSHIBA-GT15M321_06 Datasheet
426Kb / 6P
HIGH POWER SWITCHING APPLICATIONS
2SD1415A TOSHIBA-2SD1415A_09 Datasheet
162Kb / 5P
High-Power Switching Applications
GT30J126 TOSHIBA-GT30J126 Datasheet
194Kb / 6P
High Power Switching Applications Fast Switching Applications
GT60M303-Q TOSHIBA-GT60M303-Q Datasheet
420Kb / 6P
HIGH POWER SWITCHING APPLICATIONS
2SB997 TOSHIBA-2SB997 Datasheet
239Kb / 3P
HIGH POWER SWITCHING APPLICATIONS.
2SC2444 TOSHIBA-2SC2444 Datasheet
86Kb / 1P
HIGH POWER SWITCHING APPLICATIONS.
2SD664 TOSHIBA-2SD664 Datasheet
215Kb / 3P
HIGH POWER SWITCHING APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com