Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2381 Datasheet (PDF) - Toshiba Semiconductor

2SC2381 Datasheet PDF - Toshiba Semiconductor
Part # 2SC2381
Download  2SC2381 Download
File Size   58.74 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description UHF BAND POWER AMPLIFIER APPLICATIONS.

2SC2381 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2381 Datasheet PDF - Toshiba Semiconductor

Part # 2SC2381
Download  2SC2381 Click to download

File Size   58.74 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description UHF BAND POWER AMPLIFIER APPLICATIONS.

2SC2381 Datasheet (HTML) - Toshiba Semiconductor


2SC2381 Product details

FEATURES:
-Output Power : Po=25W(Min.)
(f=470MHz, Vcc=12.6V, Pi-10W)
-100% Tested for Load Mismatch Stress at All Phase
Angles with 30:1 VSWR @ Vcc=12.6V, Pi-low, f-470MHz




Similar Part No. - 2SC2381

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2380 TOSHIBA-2SC2380 Datasheet
61Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2383 TOSHIBA-2SC2383 Datasheet
171Kb / 3P
TRANSISTOR (COLOR TV VERT. DEFLECTION, CLASS B SOUND OUTPUT APPLICATIONS)
2SC2383 TOSHIBA-2SC2383 Datasheet
135Kb / 5P
Silicon NPN Epitaxial Type (PCT Process)
logo
SHENZHEN YONGERJIA INDU...
2SC2383 WINNERJOIN-2SC2383 Datasheet
136Kb / 1P
TRANSISTOR (NPN)
logo
Unisonic Technologies
2SC2383 UTC-2SC2383 Datasheet
70Kb / 3P
COLOR TV AUDIO OUTPUT & COLOR TV VERTICAL OUTPUT
More results


Similar Description - 2SC2381

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2173 TOSHIBA-2SC2173 Datasheet
176Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS
2SC1001 TOSHIBA-2SC1001 Datasheet
58Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC1165 TOSHIBA-2SC1165 Datasheet
56Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC1765 TOSHIBA-2SC1765 Datasheet
56Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2104 TOSHIBA-2SC2104 Datasheet
62Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2105 TOSHIBA-2SC2105 Datasheet
56Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2106 TOSHIBA-2SC2106 Datasheet
60Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2379 TOSHIBA-2SC2379 Datasheet
59Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2380 TOSHIBA-2SC2380 Datasheet
61Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
2SC2391 TOSHIBA-2SC2391 Datasheet
60Kb / 2P
UHF BAND POWER AMPLIFIER APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com