Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC594 Datasheet (PDF) - Toshiba Semiconductor

2SC594 Datasheet PDF - Toshiba Semiconductor
Part # 2SC594
Download  2SC594 Download
File Size   176.11 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH FREQUENCY AMPLIFIER APPLICATIONS. VIDEO AMPLIFIER APPLICATIONS, HIGH SPEED SHITCHING APPLICATIONS.

2SC594 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC594 Datasheet PDF - Toshiba Semiconductor

Part # 2SC594
Download  2SC594 Click to download

File Size   176.11 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH FREQUENCY AMPLIFIER APPLICATIONS. VIDEO AMPLIFIER APPLICATIONS, HIGH SPEED SHITCHING APPLICATIONS.

2SC594 Datasheet (HTML) - Toshiba Semiconductor


2SC594 Product details

FEATURES:
• High Transition Frequency : fp=200MHz (Typ.)
• Low Output Capacitance : Cob=3.5pF (Typ.)
• Low Saturation Voltage
: VCE(sat)-0.3V (Max.) at Ic100mA, Ig-10mA
• Complementary to 25A594.




Similar Part No. - 2SC594

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5945 RENESAS-2SC5945 Datasheet
274Kb / 36P
Si NPN Epitaxial High Frequency Medium Power Amplifier
2SC5945TR-E RENESAS-2SC5945TR-E Datasheet
274Kb / 36P
Si NPN Epitaxial High Frequency Medium Power Amplifier
logo
Panasonic Semiconductor
2SC5946 PANASONIC-2SC5946 Datasheet
159Kb / 2P
2SC5946
logo
Sanyo Semicon Device
2SC5947 SANYO-2SC5947 Datasheet
36Kb / 4P
NPN Triple Diffused Planar Silicon Transistor - Switching Regulator Applications
logo
Toshiba Semiconductor
2SC5948 TOSHIBA-2SC5948 Datasheet
152Kb / 5P
Silicon NPN Triple Diffused Type Power Amplifier Applications
More results


Similar Description - 2SC594

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1483 TOSHIBA-2SA1483 Datasheet
173Kb / 3P
TRANSISTOR (HIGH FREQUENCY AMPLIFIER, VIDEO AMPLIFIER, HIGH SPEED SWITCHING APPLICATIONS)
logo
Sanyo Semicon Device
CPH6071 SANYO-CPH6071 Datasheet
40Kb / 5P
Video Output Driver,High-Frequency Amplifier Applications
CPH6005 SANYO-CPH6005 Datasheet
25Kb / 3P
Video Output Driver, High-Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SA1483 TOSHIBA-2SA1483_07 Datasheet
165Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed SwitcHing Applications
2SC3803 TOSHIBA-2SC3803_04 Datasheet
153Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
2SC3803-R TOSHIBA-2SC3803-R Datasheet
167Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SC503 TOSHIBA-2SC503 Datasheet
464Kb / 3P
HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH SPEED SWITCHING APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com