Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCAA Datasheet (PDF) - Vishay Siliconix

NCAA Datasheet PDF - Vishay Siliconix
Part # NCAA
Download  NCAA Download
File Size   97.42 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Single Value Chip and Wire Capacitors

NCAA Datasheet (PDF)

Go To PDF Page Download Datasheet
NCAA Datasheet PDF - Vishay Siliconix

Part # NCAA
Download  NCAA Click to download

File Size   97.42 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Single Value Chip and Wire Capacitors

NCAA Datasheet (HTML) - Vishay Siliconix


NCAA Product details

FEATURES
• Wire bondable
• Small size: 0.020 inches square to 0.060 inches
square
• Substrate: silicon with gold backing
• Dielectric: silicon dioxide / silicon nitride
• Capacitance range: 0.5 pF to 1000 pF
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
The NC series of capacitor chips are designed for assembly
in hybrid circuits using conventional wire-bonding
techniques. They provide excellent stability and
performance, and their small size gives the hybrid designer
greater layout flexibility. They are available as MNOS or
MOS capacitors. The MOS version is to be preferred when
low dielectric absorption is required.




Similar Part No. - NCAA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
NCAA MSYSTEM-NCAA Datasheet
98Kb / 4P
Thin Film Single Value Chip and Wire Capacitors
More results


Similar Description - NCAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
L-NS VISHAY-L-NS Datasheet
130Kb / 3P
Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
31-Jul-08
logo
AVX Corporation
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
Thin-Film Chip Capacitors
logo
Vishay Siliconix
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
19-Nov-13
NCSERIES VISHAY-NCSERIES_15 Datasheet
93Kb / 4P
Thin Film Single Value Chip and Wire Capacitors
02-May-13
CS22 VISHAY-CS22_15 Datasheet
76Kb / 3P
Single Value Wirebondable Thin Film Chip Resistors
21-Nov-13
RMK55N VISHAY-RMK55N_15 Datasheet
88Kb / 4P
Wirebondable High Precision Single Value Thin Film Chip Resistors
26-Mar-13
RSK22N VISHAY-RSK22N_15 Datasheet
73Kb / 3P
Precision Wirebondable Single Value Thin Film Chip Resistor
11-Nov-15
logo
M-System Co.,Ltd.
NCAA MSYSTEM-NCAA Datasheet
98Kb / 4P
Thin Film Single Value Chip and Wire Capacitors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
Thin Film Chip Inductors
10-Aug-06
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
Thin Film Chip Fuse
30-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com