Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A32 Datasheet (PDF) - DB Lectro Inc

A32 Datasheet PDF - DB Lectro Inc
Part # A32
Download  A32 Download
File Size   328.32 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description HALF PITCH IDC SOCKET

A32 Datasheet (PDF)

Go To PDF Page Download Datasheet
A32 Datasheet PDF - DB Lectro Inc

Part # A32
Download  A32 Click to download

File Size   328.32 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description HALF PITCH IDC SOCKET

A32 Datasheet (HTML) - DB Lectro Inc


A32 Product details

HALF PITCH IDC SOCKET (1.27mm*1.27mm)




Similar Part No. - A32

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
A32 MACOM-A32 Datasheet
368Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
A32 MA-COM-A32 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
A32 MA-COM-A32 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 2000 MHz
logo
Tyco Electronics
A32-1 MACOM-A32-1 Datasheet
375Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
More results


Similar Description - A32

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A01B DBLECTRO-A01B Datasheet
214Kb / 1P
IDC SOCKET
A05 DBLECTRO-A05 Datasheet
258Kb / 1P
IDC SOCKET
logo
Dubilier
DBCIDC206AS1 DUBILIER-DBCIDC206AS1 Datasheet
167Kb / 1P
IDC IDC CABLE SOCKET
DBCIDC506AS1 DUBILIER-DBCIDC506AS1 Datasheet
71Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
DBCIDC506AS1 DUBILIER-DBCIDC506AS1_11 Datasheet
119Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
DBCIDC206AS1 DUBILIER-DBCIDC206AS1_11 Datasheet
216Kb / 1P
IDC IDC CABLE SOCKET
logo
Assmann Electronics Inc...
AWP-14-7541-T ASSMANN-AWP-14-7541-T Datasheet
345Kb / 1P
IDC Socket
AWP-30-7241-T ASSMANN-AWP-30-7241-T Datasheet
184Kb / 1P
IDC Socket
logo
Adam Technologies, Inc.
HFCS-A-XX-G ADAM-TECH-HFCS-A-XX-G Datasheet
108Kb / 1P
IDC SOCKET
HFCS-A-XX-SG ADAM-TECH-HFCS-A-XX-SG Datasheet
107Kb / 1P
IDC SOCKET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com