Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0412BC1 Datasheet (PDF) - DB Lectro Inc

B0412BC1 Datasheet PDF - DB Lectro Inc
Part # B0412BC1
Download  B0412BC1 Download
File Size   431.17 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER PROFILE : 5.5mm STRAIGHT

B0412BC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
B0412BC1 Datasheet PDF - DB Lectro Inc

Part # B0412BC1
Download  B0412BC1 Click to download

File Size   431.17 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER PROFILE : 5.5mm STRAIGHT

B0412BC1 Datasheet (HTML) - DB Lectro Inc




Similar Part No. - B0412BC1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
B0410841 TOSHIBA-B0410841 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
B0410895 TOSHIBA-B0410895 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
B0410895 TOSHIBA-B0410895 Datasheet
2Mb / 50P
COLOR TELEVISION N0NSP Chassis
2000
More results


Similar Description - B0412BC1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B01 DBLECTRO-B01 Datasheet
236Kb / 1P
FEMALE HEADER PROFILE : 3.5mm STRAIGHT
B03 DBLECTRO-B03 Datasheet
209Kb / 1P
FEMALE HEADER PROFILE : 5.2mm STRAIGHT
B04A DBLECTRO-B04A Datasheet
236Kb / 1P
FEMALE HEADER PROFILE : 5.5mm RIGHT ANGLE
B06 DBLECTRO-B06 Datasheet
230Kb / 1P
FEMALE HEADER PROFILE : 8.4mm STRAIGHT
B10 DBLECTRO-B10 Datasheet
243Kb / 1P
FEMALE HEADER PROFILE : 8.6mm STRAIGHT
B12 DBLECTRO-B12 Datasheet
210Kb / 1P
FEMALE HEADER PROFILE : 8.6mm STRAIGHT
B13 DBLECTRO-B13 Datasheet
225Kb / 1P
FEMALE HEADER PROFILE : 4.5mm STRAIGHT
B26 DBLECTRO-B26 Datasheet
240Kb / 1P
FEMALE HEADER PROFILE : 7.0mm STRAIGHT
B31 DBLECTRO-B31 Datasheet
238Kb / 1P
FEMALE HEADER PROFILE : 6.4mm STRAIGHT
logo
Dubilier
DBCIDCB4S04BG1 DUBILIER-DBCIDCB4S04BG1 Datasheet
126Kb / 1P
FEMALE HEADERS FEMALE HEADER STRAIGHT - 5.5mm PROFILE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com