Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1422BC1 Datasheet (PDF) - DB Lectro Inc

B1422BC1 Datasheet PDF - DB Lectro Inc
Part # B1422BC1
Download  B1422BC1 Download
File Size   211.36 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER PROFILE : 4.2mm SIDE-ENTRY TYPE

B1422BC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
B1422BC1 Datasheet PDF - DB Lectro Inc

Part # B1422BC1
Download  B1422BC1 Click to download

File Size   211.36 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER PROFILE : 4.2mm SIDE-ENTRY TYPE

B1422BC1 Datasheet (HTML) - DB Lectro Inc




Similar Part No. - B1422BC1

ManufacturerPart #DatasheetDescription
logo
Bahco
B142.001.080 BAHCO-B142.001.080 Datasheet
906Kb / 2P
BahcoFit VDE Insulated Slotted and Pozidriv Screwdriver Set with Multi-Component Handle - 5 Pcs
B142.002.100 BAHCO-B142.002.100 Datasheet
906Kb / 2P
BahcoFit VDE Insulated Slotted and Pozidriv Screwdriver Set with Multi-Component Handle - 5 Pcs
logo
Stanson Technology
B1424 STANSON-B1424 Datasheet
80Kb / 1P
PNP TRANSISTOR
B1426 STANSON-B1426 Datasheet
79Kb / 1P
PNP TRANSISTOR
logo
Knowles Capacitors All ...
B142LA2S JOHANSONMANUFACTURING-B142LA2S Datasheet
1Mb / 5P
14.2GHz Surface Mount Bandpass Filter
December 2024
More results


Similar Description - B1422BC1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B24 DBLECTRO-B24 Datasheet
259Kb / 1P
FEMALE HEADER PROFILE : 5.0mm DUAL-ENTRY TYPE
B25 DBLECTRO-B25 Datasheet
262Kb / 1P
FEMALE HEADER PROFILE : 5.0mm DUAL-ENTRY TYPE
B27 DBLECTRO-B27 Datasheet
208Kb / 1P
FEMALE HEADER PROFILE : 6.4mm SMT TYPE
B27C DBLECTRO-B27C Datasheet
191Kb / 1P
FEMALE HEADER PROFILE : 7.0mm SMT TYPE
B29 DBLECTRO-B29 Datasheet
206Kb / 1P
FEMALE HEADER PROFILE : 3.3mm SIDE-ENTRY TYPE(SINGLE ROW)
B30 DBLECTRO-B30 Datasheet
221Kb / 1P
FEMALE HEADER PROFILE : 5.8mm SIDE-ENTRY TYPE (DUAL ROW)
B33 DBLECTRO-B33 Datasheet
245Kb / 1P
FEMALE HEADER PROFILE : 6.4mm SMT TYPE
B34 DBLECTRO-B34 Datasheet
233Kb / 1P
FEMALE HEADER PROFILE : 2.1mm SMT TYPE
logo
Dubilier
DBCIDCB14D04BG1 DUBILIER-DBCIDCB14D04BG1 Datasheet
106Kb / 1P
FEMALE HEADERS FEMALE HEADER SIDE ENTRY - 4.2mm PROFILE
logo
Adam Technologies, Inc.
DMKA-XX-T-3 ADAM-TECH-DMKA-XX-T-3 Datasheet
60Kb / 1P
MINIFIT CONNECTOR DUAL ROW 4.2MM HEADER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com