Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1322BD1 Datasheet (PDF) - DB Lectro Inc

B1322BD1 Datasheet PDF - DB Lectro Inc
Part # B1322BD1
Download  B1322BD1 Download
File Size   225.14 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER PROFILE : 4.5mm STRAIGHT

B1322BD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
B1322BD1 Datasheet PDF - DB Lectro Inc

Part # B1322BD1
Download  B1322BD1 Click to download

File Size   225.14 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER PROFILE : 4.5mm STRAIGHT

B1322BD1 Datasheet (HTML) - DB Lectro Inc




Similar Part No. - B1322BD1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B132-004-RB TRIPPLITE-B132-004-RB Datasheet
150Kb / 2P
19" Rack Mount Bracket (holds up to three Cat5 extender/splitter local units)
B132-008A-2 TRIPPLITE-B132-008A-2 Datasheet
487Kb / 3P
8-Port VGA plus Audio over Cat5/Cat6 Extender/Splitter, Box-Style Transmitter w/EDID, 1920 x 1440 @ 60 Hz, Up to 1,000 ft.
B132-100A-MR TRIPPLITE-B132-100A-MR Datasheet
168Kb / 3P
VGA with Audio over Cat5/Cat6 Extender, Receiver, USB-Powered, 1920x1080 at 60Hz, Up to 750-ft., TAA
B132-100A-SR TRIPPLITE-B132-100A-SR Datasheet
168Kb / 3P
VGA with Audio over Cat5/Cat6 Extender, Receiver, USB-Powered, 1440x900 at 60Hz, Up to 300-ft., TAA
B1320022 TRIPPLITE-B1320022 Datasheet
501Kb / 2P
2-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
More results


Similar Description - B1322BD1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B01 DBLECTRO-B01 Datasheet
236Kb / 1P
FEMALE HEADER PROFILE : 3.5mm STRAIGHT
B02 DBLECTRO-B02 Datasheet
209Kb / 1P
FEMALE HEADER PROFILE : 4.5mm STRAIGHT
B04 DBLECTRO-B04 Datasheet
431Kb / 1P
FEMALE HEADER PROFILE : 5.5mm STRAIGHT
B06 DBLECTRO-B06 Datasheet
230Kb / 1P
FEMALE HEADER PROFILE : 8.4mm STRAIGHT
B10 DBLECTRO-B10 Datasheet
243Kb / 1P
FEMALE HEADER PROFILE : 8.6mm STRAIGHT
B12 DBLECTRO-B12 Datasheet
210Kb / 1P
FEMALE HEADER PROFILE : 8.6mm STRAIGHT
B13B DBLECTRO-B13B Datasheet
236Kb / 1P
FEMALE HEADER PROFILE : 4.5mm SMT TYPE
B31 DBLECTRO-B31 Datasheet
238Kb / 1P
FEMALE HEADER PROFILE : 6.4mm STRAIGHT
logo
Dubilier
DBCIDCB2D04AG1 DUBILIER-DBCIDCB2D04AG1 Datasheet
110Kb / 1P
FEMALE HEADERS FEMALE HEADER STRAIGHT - 4.5mm PROFILE
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com