Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD95420RCB Datasheet (PDF) - Texas Instruments

CSD95420RCB Datasheet PDF - Texas Instruments
Part # CSD95420RCB
Download  CSD95420RCB Download
File Size   1072.45 Kbytes
Page   15 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage

CSD95420RCB Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD95420RCB Datasheet PDF - Texas Instruments

Part # CSD95420RCB
Download  CSD95420RCB Click to download

File Size   1072.45 Kbytes
Page   15 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage

CSD95420RCB Datasheet (HTML) - Texas Instruments


CSD95420RCB Product details

1 Features
• 50-A peak continuous current
• Over 94% system efficiency at 15-A
• High-frequency operation (up to 1.75 MHz)
• Diode emulation function
• Temperature compensated bi-directional current
sense
• Analog temperature output
• Fault monitoring
• 3.3-V and 5-V PWM signal compatible
• Tri-state PWM input
• Integrated bootstrap switch
• Optimized deadtime for shoot-through protection
• QFN package
– High-density
– 4 mm × 5 mm
– Ultra-low-inductance
– System-optimized PCB footprint
– Thermally enhanced tooling
– RoHS compliant
– Lead-free terminal plating
– Halogen Free

2 Applications
• Multiphase synchronous buck converters
– High-frequency applications
– High-current, low-duty cycle applications
• Point-of-load DC-DC converters
• Memory and graphic cards
• Desktop and server VR13.x / VR14.x V-Core
synchronous buck converters

3 Description
The CSD95420RCB NexFET™ power stage is highly
optimized for high-power, high-density synchronous
buck converters. This product integrates the driver
device and power MOSFETs to complete the power
stage switching function. This combination produces
high-current, high-efficiency, and high-speed switching
capability in a small 4 mm × 5 mm outline package.
The device integrates the accurate current sensing
and temperature sensing functionality to simplify
system design and improve accuracy. The optimized
PCB footprint helps reduce design time and simplifies
the completion of the overall system design.




Similar Part No. - CSD95420RCB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95420RCB TI2-CSD95420RCB Datasheet
1Mb / 15P
CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage
NOVEMBER 2020
CSD95420RCB.A TI2-CSD95420RCB.A Datasheet
1Mb / 15P
CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage
NOVEMBER 2020
CSD95420RCB.B TI2-CSD95420RCB.B Datasheet
1Mb / 15P
CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage
NOVEMBER 2020
CSD95420RCBRCB TI2-CSD95420RCBRCB Datasheet
1Mb / 15P
CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage
NOVEMBER 2020
CSD95420RCBT TI2-CSD95420RCBT Datasheet
1Mb / 15P
CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage
NOVEMBER 2020
More results


Similar Description - CSD95420RCB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD95491Q5MC TI1-CSD95491Q5MC Datasheet
765Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
Synchronous buck NexFET smart power stage
CSD95410RRB TI-CSD95410RRB Datasheet
829Kb / 14P
CSD95410RRB Synchronous Buck NexFET™ Smart Power Stage
SEPTEMBER 2020
CSD95411 TI-CSD95411 Datasheet
1,019Kb / 15P
CSD95411 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96415 TI-CSD96415 Datasheet
805Kb / 11P
CSD96415RWJ Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD95430RRB TI1-CSD95430RRB Datasheet
1,000Kb / 12P
CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96416 TI1-CSD96416 Datasheet
802Kb / 11P
CSD96416 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com