Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2186 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA2186 Datasheet PDF - Texas Instruments
Part # OPA2186
Download  OPA2186 Download
File Size   2277.5 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier

OPA2186 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2186 Datasheet PDF - Texas Instruments

Part # OPA2186
Download  OPA2186 Click to download

File Size   2277.5 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier

OPA2186 Datasheet (HTML) - Texas Instruments


OPA2186 Product details

1 Features
• High precision:
– Offset drift: 0.01 μV/°C
– Low offset voltage: 1 μV
• Low quiescent current: 90 μA
• Excellent dynamic performance:
– Gain bandwidth: 750 kHz
– Slew rate: 0.35 V/μs
• Robust design:
– RFI/EMI filtered inputs
• Rail-to-rail input/output
• Supply range: 4.5 V to 24 V
• Temperature: –40°C to +125°C

2 Applications
• PC PSU and game console unit
• Merchant DC/DC
• Flow transmitter
• Pressure transmitter
• Merchant battery charger
• Electricity meter

3 Description
The OPA2186 is a low-power, 24-V, rail-to-rail input
and output zero-drift operational amplifier (op amp).
This amp features only 10 μV of offset voltage
(max) and 0.04 μV/°C of offset voltage drift over
temperature (max). This device is a great choice for
precision instrumentation, signal measurement, and
active filtering applications.
The low quiescent current consumption of 90 μA
makes the OPA2186 an excellent option for powersensitive
applications, such as battery-powered
instrumentation and portable systems.
Moreover, the high common-mode architecture along
with low offset voltage allows for high-side current
shunt monitoring at the positive rail. This device
also provides robust ESD protection during shipment,
handling, and assembly.




Similar Part No. - OPA2186

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2186 TI-OPA2186 Datasheet
1Mb / 26P
OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
JUNE 2022
OPA2186 TI-OPA2186 Datasheet
2Mb / 41P
OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
REVISED SEPTEMBER 2022
OPA2186 TI-OPA2186 Datasheet
2Mb / 48P
OPAx186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifiers
REVISED DECEMBER 2022
OPA2186 TI1-OPA2186 Datasheet
2Mb / 48P
OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
REVISED JULY 2023
OPA2186DDFR TI-OPA2186DDFR Datasheet
2Mb / 48P
OPAx186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifiers
REVISED DECEMBER 2022
More results


Similar Description - OPA2186

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4638-1 AD-ADA4638-1 Datasheet
879Kb / 24P
30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
REV. 0
ADA4638-1 AD-ADA4638-1_16 Datasheet
912Kb / 25P
30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
Rev. 0
logo
Texas Instruments
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
TLV2186 TI1-TLV2186 Datasheet
1Mb / 38P
TLV2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
TLV2186 TI-TLV2186_V01 Datasheet
1Mb / 39P
TLV2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
OPA2186 TI-OPA2186 Datasheet
1Mb / 26P
OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
JUNE 2022
OPA2186 TI-OPA2186_V01 Datasheet
2Mb / 41P
OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
REVISED SEPTEMBER 2022
OPA186 TI-OPA186 Datasheet
2Mb / 48P
OPAx186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifiers
REVISED DECEMBER 2022
OPA186 TI1-OPA186_V01 Datasheet
2Mb / 48P
OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
REVISED JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com