Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53325 Datasheet (PDF) - CnC Tech, LLC

53325 Datasheet PDF - CnC Tech, LLC
Part # 53325
Download  53325 Download
File Size   65.43 Kbytes
Page   1 Pages
Manufacturer  CNC [CnC Tech, LLC]
Direct Link  https://www.cnctech.us/
Logo CNC - CnC Tech, LLC
Description WIRE-TO BOARD HOUSING TERMINAL, 2.5mm, SIDE LOCK

53325 Datasheet (PDF)

Go To PDF Page Download Datasheet
53325 Datasheet PDF - CnC Tech, LLC

Part # 53325
Download  53325 Click to download

File Size   65.43 Kbytes
Page   1 Pages
Manufacturer  CNC [CnC Tech, LLC]
Direct Link  https://www.cnctech.us/
Logo CNC - CnC Tech, LLC
Description WIRE-TO BOARD HOUSING TERMINAL, 2.5mm, SIDE LOCK

53325 Datasheet (HTML) - CnC Tech, LLC




Similar Part No. - 53325

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53325-0260 MOLEX7-53325-0260 Datasheet
129Kb / 3P
2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right Angle,Lead-free, 2 Circuits
53325-0360 MOLEX7-53325-0360 Datasheet
129Kb / 3P
2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right Angle Lead-free, 3 Circuits
53325-0460 MOLEX7-53325-0460 Datasheet
129Kb / 3P
2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right AngleLead-free, 4 Circuits
53325-0560 MOLEX7-53325-0560 Datasheet
129Kb / 3P
2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right AngleLead-free, 5 Circuits
53325-0660 MOLEX7-53325-0660 Datasheet
129Kb / 3P
2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right AngleLead-free, 6 Circuits
More results


Similar Description - 53325

ManufacturerPart #DatasheetDescription
logo
CnC Tech, LLC
51225-XX CNC-51225-XX Datasheet
55Kb / 1P
Wire-To Board Housing,2.5mm,J Series
17-nov-2020
51325 CNC-51325 Datasheet
187Kb / 1P
Wire-To Board Housing Terminal, 2.5mm J Series
17-nov-2020
52225-XX CNC-52225-XX Datasheet
56Kb / 1P
Wire-To Board Housing,2.5mm,M Series
17-nov-2020
52325 CNC-52325 Datasheet
109Kb / 1P
Wire-To Board Housing Terminal,2.5mm, M Series
17-nov-2020
53025-XX-0100-01 CNC-53025-XX-0100-01 Datasheet
70Kb / 1P
WIRE-TO BOARD WAFER, 2.5mm, STRAIGHT, TIN PLATED, SIDE LOCK
17-nov-2020
53025-XX-0200-01 CNC-53025-XX-0200-01 Datasheet
69Kb / 1P
WIRE-TO BOARD HEADER, 2.5mm, R/A, TIN PLATED, SIDE LOCK
17-nov-2020
53025-XX CNC-53025-XX Datasheet
62Kb / 1P
WIRE-TO BOARD HOUSING, 2.5mm, SIDE LOCK
17-nov-2020
54025-2022 CNC-54025-2022 Datasheet
98Kb / 1P
Wire To Board Housing Terminal, 2.5mm, 20-22AWG, Front Lock
17-nov-2020
54025-2426 CNC-54025-2426 Datasheet
96Kb / 1P
Wire To Board Housing Terminal, 2.5mm, 24-26AWG, Front Lock
17-nov-2020
54025-XX-0100-01 CNC-54025-XX-0100-01 Datasheet
64Kb / 1P
Wire To Board Wafer, 2.5mm, Straight, Tin Plated, Front Lock
17-nov-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com