Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFGY160T65SPD Datasheet (PDF) - ON Semiconductor

AFGY160T65SPD Datasheet PDF - ON Semiconductor
Part # AFGY160T65SPD
Download  AFGY160T65SPD Download
File Size   3437.39 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IGBT - Field Stop, Trench, Soft Fast Recovery Diode 650 V, 160 A

AFGY160T65SPD Datasheet (PDF)

Go To PDF Page Download Datasheet
AFGY160T65SPD Datasheet PDF - ON Semiconductor

Part # AFGY160T65SPD
Download  AFGY160T65SPD Click to download

File Size   3437.39 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IGBT - Field Stop, Trench, Soft Fast Recovery Diode 650 V, 160 A

AFGY160T65SPD Datasheet (HTML) - ON Semiconductor


AFGY160T65SPD Product details

Benefits
• Very Low Conduction and Switching Losses for a High Efficiency
Operation in Various Applications
• Rugged Transient Reliability
• Outstanding Parallel Operation Performance with Balance Current Sharing
• Low EMI

Features
• AEC−Q101 Qualified and PPAP Capable
• Very Low Saturation Voltage: VCE(sat) = 1.6 V (Typ.) @ IC = 160 A
• Maximum Junction Temperature: TJ = 175°C
• Positive Temperature Co−Efficient
• Tight Parameter Distribution
• High Input Impedance
• 100% of the Parts are Dynamically Tested
• Short circuit ruggedness > 6 s @ 25°C
• Copacked with Soft, Fast Recovery Extremefast Diode
• This Device is Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• Traction Inverter for HEV/EV
• Auxiliary DC/AC Converter
• Motor Drives
• Other Power−Train Applications Requiring High Power Switch




Similar Part No. - AFGY160T65SPD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AFGY160T65SPD-B4 ONSEMI-AFGY160T65SPD-B4 Datasheet
2Mb / 11P
Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning
June, 2020 ??Rev. 2
AFGY160T65SPD-B4 ONSEMI-AFGY160T65SPD-B4 Datasheet
2Mb / 12P
Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning 650 V, 160 A
July, 2024 - Rev. 3
AFGY160T65SPD-B4 ONSEMI-AFGY160T65SPD-B4_V01 Datasheet
2Mb / 12P
Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning 650 V, 160 A
July, 2024 - Rev. 3
More results


Similar Description - AFGY160T65SPD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AFGHL50T65SQD ONSEMI-AFGHL50T65SQD Datasheet
257Kb / 9P
Field Stop Trench IGBT 50A, 650V
January, 2020 ??Rev. 1
AFGHL75T65SQDT ONSEMI-AFGHL75T65SQDT Datasheet
260Kb / 9P
Field Stop Trench IGBT 650 V, 75 A
November, 2019 ??Rev. 0
AFGY100T65SPD ONSEMI-AFGY100T65SPD Datasheet
252Kb / 9P
Field Stop Trench IGBT with Soft Fast Recovery Diode 100A, 650V
July, 2020 ??Rev. 0
AFGY120T65SPD ONSEMI-AFGY120T65SPD Datasheet
254Kb / 9P
Field Stop Trench IGBT with Soft Fast Recovery Diode 120A, 650V
July, 2020 ??Rev. 0
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH40T65SPD ONSEMI-FGH40T65SPD Datasheet
585Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGH75T65SQD ONSEMI-FGH75T65SQD Datasheet
532Kb / 10P
IGBT - Field Stop, Trench 650 V, 75 A
April, 2020 ??Rev. 5
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGAF30S65AQ ONSEMI-FGAF30S65AQ Datasheet
302Kb / 9P
Field Stop Trench IGBT, 30 A, 650 V
June, 2020 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com