Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIB10CH60TS-XZ Datasheet (PDF) - STMicroelectronics

STGIB10CH60TS-XZ Datasheet PDF - STMicroelectronics
Part # STGIB10CH60TS-XZ
Download  STGIB10CH60TS-XZ Download
File Size   2982.53 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V short‑circuit rugged IGBT

STGIB10CH60TS-XZ Datasheet (PDF)

Go To PDF Page Download Datasheet
STGIB10CH60TS-XZ Datasheet PDF - STMicroelectronics

Part # STGIB10CH60TS-XZ
Download  STGIB10CH60TS-XZ Click to download

File Size   2982.53 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V short‑circuit rugged IGBT

STGIB10CH60TS-XZ Datasheet (HTML) - STMicroelectronics


STGIB10CH60TS-XZ Product details

Features
• IPM 15 A, 600 V, 3-phase IGBT inverter bridge including 2 control ICs for gate
driving and freewheeling diodes
• 3.3 V, 5 V TTL/CMOS inputs with hysteresis
• Internal bootstrap diode
• Undervoltage lockout of gate drivers
• Smart shutdown function
• Short-circuit protection
• Shutdown input/fault output
• Separate open emitter outputs
• Built-in temperature sensor
• Comparator for fault protection
• Short-circuit rugged TFS IGBT
• Very fast, soft recovery diodes
• 85 kΩ NTC, UL 1434, CA 4 recognized
• Fully isolated package
• Isolation rating of 1600 Vrms/min
• UL recognition: UL 1557, file E81734
• Embedded TVS to enhance ESD protection

Description
This second series of SLLIMM (small low-loss intelligent molded module) provides a
compact, high-performance AC motor drive in a simple, rugged design. It combines
new ST proprietary control ICs (one LS and one HS driver) with an improved shortcircuit
rugged trench gate field-stop (TFS) IGBT, making it ideal for motor drives
operating up to 20 kHz in hard-switching circuitries.

Applications
• 3-phase inverters for motor drives
• Washing machines
• Dryer
• Pumps
• Air conditioners
• Sewing machines




Similar Part No. - STGIB10CH60TS-XZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIB10CH60TS-X STMICROELECTRONICS-STGIB10CH60TS-X Datasheet
2Mb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short‑circuit rugged IGBT
09-Nov-2021
More results


Similar Description - STGIB10CH60TS-XZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIB10CH60S-L STMICROELECTRONICS-STGIB10CH60S-L Datasheet
545Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
STGIB10CH60TS-E STMICROELECTRONICS-STGIB10CH60TS-E Datasheet
631Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
08-Nov-2021
STGIB10CH60TS-LZ STMICROELECTRONICS-STGIB10CH60TS-LZ Datasheet
763Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short‑circuit rugged IGBT
27-Oct-2021
STGIB20M60TS-L STMICROELECTRONICS-STGIB20M60TS-L Datasheet
731Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIF10CH60TS-LZ STMICROELECTRONICS-STGIF10CH60TS-LZ Datasheet
920Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short-circuit rugged IGBT
16-Feb-2022
STGIF5CH60TS-LZ STMICROELECTRONICS-STGIF5CH60TS-LZ Datasheet
932Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
16-Feb-2022
STGIB10CH60S-XZ STMICROELECTRONICS-STGIB10CH60S-XZ Datasheet
628Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
15-Nov-2021
STGIB10CH60TS-X STMICROELECTRONICS-STGIB10CH60TS-X Datasheet
2Mb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short‑circuit rugged IGBT
09-Nov-2021
STGIF10CH60S-L STMICROELECTRONICS-STGIF10CH60S-L Datasheet
868Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short-circuit rugged IGBT
01-Jun-2021
STGIF10CH60S-LZ STMICROELECTRONICS-STGIF10CH60S-LZ Datasheet
952Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short-circuit rugged IGBT
22-Oct-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com