Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIB15CH60TS-X Datasheet (PDF) - STMicroelectronics

STGIB15CH60TS-X Datasheet PDF - STMicroelectronics
Part # STGIB15CH60TS-X
Download  STGIB15CH60TS-X Download
File Size   2953.41 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V, short‑circuit rugged IGBT

STGIB15CH60TS-X Datasheet (PDF)

Go To PDF Page Download Datasheet
STGIB15CH60TS-X Datasheet PDF - STMicroelectronics

Part # STGIB15CH60TS-X
Download  STGIB15CH60TS-X Click to download

File Size   2953.41 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V, short‑circuit rugged IGBT

STGIB15CH60TS-X Datasheet (HTML) - STMicroelectronics


STGIB15CH60TS-X Product details

Features
• IPM 20 A, 600 V, 3-phase IGBT inverter bridge including 2 control ICs for gate
driving and freewheeling diodes
• 3.3 V, 5 V TTL/CMOS inputs with hysteresis
• Internal bootstrap diode
• Undervoltage lockout of gate drivers
• Smart shutdown function
• Short-circuit protection
• Shutdown input/fault output
• Separate open emitter outputs
• Built-in temperature sensor
• Comparator for fault protection
• Short-circuit rugged TFS IGBTs
• Very fast, soft recovery diodes
• 85 kΩ NTC, UL 1434, CA 4 recognized
• Fully isolated package
• Isolation rating of 1600 Vrms/min
• UL recognition: UL 1557, file E81734

Description
This second series of SLLIMM (small low-loss intelligent molded module) provides a
compact, high-performance AC motor drive in a simple, rugged design. It combines
new ST proprietary control ICs (one LS and one HS driver) with an improved shortcircuit
rugged trench gate field-stop (TFS) IGBT, making it ideal for motor drives
operating up to 20 kHz in hard-switching circuitries.

Applications
• 3-phase inverters for motor drives
• Washing machines
• Dryer
• Industrial fans
• Pumps




Similar Part No. - STGIB15CH60TS-X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIB15CH60TS-XZ STMICROELECTRONICS-STGIB15CH60TS-XZ Datasheet
2Mb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V short‑circuit rugged IGBT
21-Sep-2021
More results


Similar Description - STGIB15CH60TS-X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIB15CH60S-L STMICROELECTRONICS-STGIB15CH60S-L Datasheet
543Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V short-circuit rugged IGBT
18-Nov-2021
STGIB15CH60TS-LZ STMICROELECTRONICS-STGIB15CH60TS-LZ Datasheet
763Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V, short‑circuit rugged IGBT
22-Sep-2021
STGIB20M60TS-L STMICROELECTRONICS-STGIB20M60TS-L Datasheet
731Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIF5CH60TS-LZ STMICROELECTRONICS-STGIF5CH60TS-LZ Datasheet
932Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
16-Feb-2022
STGIB15CH60S-XZ STMICROELECTRONICS-STGIB15CH60S-XZ Datasheet
624Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V short-circuit rugged IGBT
20-Oct-2021
STGIB15CH60TS-XZ STMICROELECTRONICS-STGIB15CH60TS-XZ Datasheet
2Mb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V short‑circuit rugged IGBT
21-Sep-2021
STGIB20M60S-XZ STMICROELECTRONICS-STGIB20M60S-XZ Datasheet
632Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIB30M60S-XZ STMICROELECTRONICS-STGIB30M60S-XZ Datasheet
631Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 35 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIB8CH60S-LZ STMICROELECTRONICS-STGIB8CH60S-LZ Datasheet
626Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 12 A, 600 V short-circuit rugged IGBT
23-Sep-2021
STGIB8CH60TS-L STMICROELECTRONICS-STGIB8CH60TS-L Datasheet
743Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 12 A, 600 V, short‑circuit rugged IGBT
15-Sep-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com