Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB572 Datasheet (PDF) - STMicroelectronics

TSB572 Datasheet PDF - STMicroelectronics
Part # TSB572
Download  TSB572 Download
File Size   9316.63 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Precision rail-to-rail input / output 36 V, 22 MHz op-amps

TSB572 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSB572 Datasheet PDF - STMicroelectronics

Part # TSB572
Download  TSB572 Click to download

File Size   9316.63 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Precision rail-to-rail input / output 36 V, 22 MHz op-amps

TSB572 Datasheet (HTML) - STMicroelectronics


TSB572 Product details

Features
• Rail-to-rail input and output
• Low offset voltage: 300 μV maximum
• Wide supply voltage range: 2.7 V to 36 V
• Gain bandwidth product: 22 MHz
• Slew rate: 12 V/μs
• Low noise: 12 nV/√Hz
• Stable with gain +10/-9
• Integrated EMI filter
• 2 kV HBM ESD tolerance
• Extended temperature range: -40 °C to +125 °C

Description
The TSB7191, TSB7191A, TSB7192 and the TSB7192A 22 MHz bandwidth amplifier
feature rail-to-rail input and output, which is guaranteed to operate from +2.7 V to
+36 V single supply as well as from ±1.35 V to ±18 V dual supplies.
These amplifiers have the advantage of offering a large span of supply voltage and
an excellent input offset voltage of 300 μV maximum at 25 °C.
The combination of wide bandwidth, slew rate, low noise, rail-to-rail capability and
precision makes the TSB7191, TSB7191A, TSB7192 and the TSB7192A useful in a
wide variety of applications such as: filters, power supply and motor control, actuator
driving, hall effect sensors and resistive transducers.

Applications
• High-side and low-side current sensing
• Hall effect sensors
• Data acquisition and instrumentation
• Test and measurement equipments
• Motor control
• Industrial process control
• Strain gauge




Similar Part No. - TSB572

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB572 STMICROELECTRONICS-TSB572 Datasheet
2Mb / 27P
Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
17-Dec-2015
TSB572 STMICROELECTRONICS-TSB572 Datasheet
3Mb / 31P
Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
Rev 7 - May 2020
TSB572 STMICROELECTRONICS-TSB572 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
TSB572IDT STMICROELECTRONICS-TSB572IDT Datasheet
3Mb / 31P
Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
Rev 7 - May 2020
TSB572IQ2T STMICROELECTRONICS-TSB572IQ2T Datasheet
2Mb / 27P
Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
17-Dec-2015
More results


Similar Description - TSB572

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_06 Datasheet
468Kb / 34P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
May 7, 2007
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
logo
STMicroelectronics
TSB711 STMICROELECTRONICS-TSB711 Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com