Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR420UFDQ Datasheet (PDF) - Diodes Incorporated

BCR420UFDQ Datasheet PDF - Diodes Incorporated
Part # BCR420UFDQ
Download  BCR420UFDQ Download
File Size   746.25 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LINEAR LED CONSTANT CURRENT REGULATOR IN U-DFN2020-6

BCR420UFDQ Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR420UFDQ Datasheet PDF - Diodes Incorporated

Part # BCR420UFDQ
Download  BCR420UFDQ Click to download

File Size   746.25 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LINEAR LED CONSTANT CURRENT REGULATOR IN U-DFN2020-6

BCR420UFDQ Datasheet (HTML) - Diodes Incorporated


BCR420UFDQ Product details

Features
LED Constant Current Regulator Using NPN Emitter-Follower with
Emitter Resistor to Current Limit
IOUT – 10mA ±10% Constant Current (Preset)
IOUT up to 350mA Adjustable with an External Resistor
(BCR421U)
VOUT – 40V Supply Voltage
PD up to 1.7W in U-DFN2020-6 Package
0.6mm Height for Low-profile Edge Lighting
Low-Side Control Enabling PWM Input < 25kHz (BCR421U)
Negative Temperature Coefficient (NTC) Reduces IOUT with
Increasing Temperature
Parallel Devices to Increase Regulated Current
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)

Applications
Interior and Exterior Automotive LED Lighting
Dome and Mood Lighting
Puddle Lighting
Side Marker Lights
Edge Lighting Strips




Similar Part No. - BCR420UFDQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCR420UFD DIODES-BCR420UFD Datasheet
611Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR420UFD-7 DIODES-BCR420UFD-7 Datasheet
611Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
More results


Similar Description - BCR420UFDQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCR421UW6Q DIODES-BCR421UW6Q Datasheet
536Kb / 11P
Linear LED Constant Current Regulator in SOT26
Rev 1
BCR420UW6 DIODES-BCR420UW6 Datasheet
648Kb / 13P
LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
Rev 4
BCR420UW6Q DIODES-BCR420UW6Q Datasheet
687Kb / 13P
LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
Rev 2
BCR401UW6 DIODES-BCR401UW6_17 Datasheet
454Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR401UW6Q DIODES-BCR401UW6Q Datasheet
683Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 1
BCR402UW6 DIODES-BCR402UW6_18 Datasheet
684Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 5
BCR402UW6Q DIODES-BCR402UW6Q Datasheet
747Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 1
BCR405UW6 DIODES-BCR405UW6_17 Datasheet
456Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR420UFD DIODES-BCR420UFD Datasheet
611Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
LINEAR LED CONSTANT CURRENT REGULATOR
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com