Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXA250 Datasheet (PDF) - Intel Corporation

PXA250 Datasheet PDF - Intel Corporation
Part # PXA250
Download  PXA250 Download
File Size   412.21 Kbytes
Page   46 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Intel-R PXA250 and PXA210 Applications Processors

PXA250 Datasheet (PDF)

Go To PDF Page Download Datasheet
PXA250 Datasheet PDF - Intel Corporation

Part # PXA250
Download  PXA250 Click to download

File Size   412.21 Kbytes
Page   46 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Intel-R PXA250 and PXA210 Applications Processors

PXA250 Datasheet (HTML) - Intel Corporation


PXA250 Product details

Product Features
■ High Performance Processor
    —Intel® XScale™ Microarchitecture
    —32 KB Instruction Cache
    —32 KB Data Cache
    —2 KB “mini” Data Cache
    —Extensive Data Buffering
■ Intel® Media Processing Technology
    —Enhanced 16-bit Multiply
    —40-bit Accumulator
■ Flexible Clocking
    —CPU clock from 66 to 300 MHz
    —Flexible memory clock ratios
    —Frequency change modes
■ Rich Serial Peripheral Set
    —AC97 Audio Port
    —I2S Audio Port
    —USB Client Controller
    —High Speed UART
    —Second UART with flow control
    —FIR and SIR infrared comm ports
■ Low Power
    —Less than 500 mW Typical Internal Dissipation
    —Supply Voltage may be Reduced to 0.85 V
    —Low Power/Sleep Modes
■ High Performance Memory Controller
    —Four Banks of SDRAM - up to 100 MHz
    —Five Static Chip Selects
    —Support for PCMCIA or Compact Flash
    —Companion Chip interface
■ Additional Peripherals for system connectivity
    —Multimedia Card Controller (MMC)
    —SSP Controller
    —I2C Controller
    —Two Pulse Width Modulators (PWMs)
    —All peripheral pins double as GPIOs.
■ Hardware debug features
■ Hardware Performance Monitoring features




Similar Part No. - PXA250

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PXA255 INTEL-PXA255 Datasheet
1Mb / 40P
PXA255 Processor
PXA255 INTEL-PXA255 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
PXA255 INTEL-PXA255 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
More results


Similar Description - PXA250

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-845M AAEON-EMB-845M Datasheet
433Kb / 1P
Intel Pentium 4 and Celeron Processors
PCM-6890B AAEON-PCM-6890B Datasheet
372Kb / 1P
Intel Pentium III and Celeron Processors
SBC-659P AAEON-SBC-659P Datasheet
410Kb / 1P
Intel Pentium III and Celeron Processors
logo
Freescale Semiconductor...
IMX53AEC FREESCALE-IMX53AEC Datasheet
2Mb / 178P
Automotive and Infotainment Applications Processors
logo
AAEON Technology
CMB-A9DP2 AAEON-CMB-A9DP2 Datasheet
361Kb / 2P
High Performance Server Board with Dual Intel R Xeon Tm Processors
logo
Texas Instruments
OMAP3503DCBBA TI-OMAP3503DCBBA Datasheet
2Mb / 264P
OMAP3515 and OMAP3503 Applications Processors
OMAP3515DCUS TI1-OMAP3515DCUS Datasheet
2Mb / 264P
OMAP3515 and OMAP3503 Applications Processors
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
Applications Processors
OMAP3515 TI1-OMAP3515_15 Datasheet
2Mb / 264P
OMAP3515 and OMAP3503 Applications Processors
OMAP3530 TI1-OMAP3530_15 Datasheet
2Mb / 265P
OMAP3530 and OMAP3525 Applications Processors
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com