Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3111N8 Datasheet (PDF) - Diodes Incorporated

ZXGD3111N8 Datasheet PDF - Diodes Incorporated
Part # ZXGD3111N8
Download  ZXGD3111N8 Download
File Size   576.02 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 200V ACTIVE OR-ING MOSFET CONTROLLER IN SO8

ZXGD3111N8 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXGD3111N8 Datasheet PDF - Diodes Incorporated

Part # ZXGD3111N8
Download  ZXGD3111N8 Click to download

File Size   576.02 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 200V ACTIVE OR-ING MOSFET CONTROLLER IN SO8

ZXGD3111N8 Datasheet (HTML) - Diodes Incorporated


ZXGD3111N8 Product details

Features
Active OR-ing MOSFET Controller for High- or Low-Side PSU
Ideal Diode to Reduce Forward Voltage Drop
3mV Typical Turn-Off Threshold with ±2mV Tolerance
200V Drain Voltage Rating
25V VCC Rating
<50mW Standby Power with Quiescent Supply Current <1mA
<600ns Turn-Off Time to Minimize Reverse Current
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony free. “Green” Device (Note 3)

Applications
(N + 1) Redundant Power Supplies
Telecom and Networking
Data Centers and Servers




Similar Part No. - ZXGD3111N8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
ZXGD3111N7TC DIODES-ZXGD3111N7TC Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
More results


Similar Description - ZXGD3111N8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3104N8 DIODES-ZXGD3104N8 Datasheet
728Kb / 13P
SYNCHRONOUS MOSFET CONTROLLER IN SO8
Rev erse
logo
Texas Instruments
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
Low Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
High Side OR-ing FET Controller
logo
Diodes Incorporated
ZXGD3104N8 DIODES-ZXGD3104N8_15 Datasheet
728Kb / 13P
SYNCHRONOUS MOSFET CONTROLLER IN SO8
Rev erse
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
Low Voltage OR-ing FET Controller
August 17, 2015
logo
Texas Instruments
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
Low Side OR-ing FET Controller
logo
Diodes Incorporated
ZXGD3112N7 DIODES-ZXGD3112N7 Datasheet
465Kb / 14P
ACTIVE OR-ING MOSFET CONTROLLER
Rev erse
ZXGD3108N8 DIODES-ZXGD3108N8 Datasheet
596Kb / 10P
40V ACTIVE ORING MOSFET CONTROLLER IN SO8
April 2017
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com