Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6005N8 Datasheet (PDF) - Diodes Incorporated

ZXMS6005N8 Datasheet PDF - Diodes Incorporated
Part # ZXMS6005N8
Download  ZXMS6005N8 Download
File Size   684.85 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V N-CHANNEL SELF-PROTECTED ENHANCEMENT MODE IntelliFET MOSFET

ZXMS6005N8 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXMS6005N8 Datasheet PDF - Diodes Incorporated

Part # ZXMS6005N8
Download  ZXMS6005N8 Click to download

File Size   684.85 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V N-CHANNEL SELF-PROTECTED ENHANCEMENT MODE IntelliFET MOSFET

ZXMS6005N8 Datasheet (HTML) - Diodes Incorporated


ZXMS6005N8 Product details

Features
Low Input Current
Logic Level Input (3.3V and 5V)
Short Circuit Protection with Auto Restart
Overvoltage Protection (Active Clamp)
Thermal Shutdown with Auto Restart
Overcurrent Protection
Input Protection (ESD)
High Continuous Current Rating
Totally Lead-Free & Fully RoHS Compliant (Notes 1& 2)
Halogen and Antimony Free. “Green” Device (Note 3)
An Automotive-Compliant Part is Available Under Separate

Applications
Especially Suited for Loads with a High In-Rush Current such as
Lamps and Motors
All Types of Resistive, Inductive and Capacitive Loads in
Switching Applications
μC Compatible Power Switch for 12V and 24V DC Applications
Replaces Electromechanical Relays and Discrete Circuits
Linear Mode Capability– the current-limiting protection circuitry is
designed to deactivate at low VDS to minimize on-state power
dissipation. The maximum DC operating current is therefore
determined by the thermal capability of the package/board
combination, rather than by the protection circuitry. This does not
compromise the product’s ability to self-protect at low VDS.




Similar Part No. - ZXMS6005N8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6005N8Q DIODES-ZXMS6005N8Q Datasheet
646Kb / 8P
60V N-CHANNEL SELF-PROTECTED ENHANCEMENT MODE LOW-SIDE IntelliFET
June 2017 Rev. 2 - 2
ZXMS6005N8Q-13 DIODES-ZXMS6005N8Q-13 Datasheet
646Kb / 8P
60V N-CHANNEL SELF-PROTECTED ENHANCEMENT MODE LOW-SIDE IntelliFET
June 2017 Rev. 2 - 2
More results


Similar Description - ZXMS6005N8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BSP75G ETC1-BSP75G Datasheet
68Kb / 4P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET??MOSFET
logo
Diodes Incorporated
ZXMS6004FF DIODES-ZXMS6004FF Datasheet
414Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
ZXMS6004DT8 DIODES-ZXMS6004DT8 Datasheet
241Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32245 Rev. 1 - 2
ZXMS6005DG DIODES-ZXMS6005DG Datasheet
561Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32247 Rev. 1 - 2
ZXMS6005DT8 DIODES-ZXMS6005DT8 Datasheet
252Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32248 Rev. 1 - 2
ZXMS6005SG DIODES-ZXMS6005SG Datasheet
562Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32249 Rev. 1 - 2
ZXMS6004FFTA DIODES-ZXMS6004FFTA Datasheet
420Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
DECEMBER 2008
ZXMS6004DGTA DIODES-ZXMS6004DGTA Datasheet
485Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
DECEMBER 2008
ZXMS6004DGQ-13 DIODES-ZXMS6004DGQ-13 Datasheet
711Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET
Rev. 1 - 2
ZXMS6006DGQ-13 DIODES-ZXMS6006DGQ-13 Datasheet
789Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com