Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2630 Datasheet (PDF) - Alpha Wire

2630 Datasheet PDF - Alpha Wire
Part # 2630
Download  2630 Download
File Size   98.31 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2630 Datasheet (PDF)

Go To PDF Page Download Datasheet
2630 Datasheet PDF - Alpha Wire

Part # 2630
Download  2630 Click to download

File Size   98.31 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2630 Datasheet (HTML) - Alpha Wire


2630 Product details

Construction
Diameters (In)
1) Component 1 1 X 1 HOOKUP
a) Conductor
30 (7/38) AWG 10% Nickel Plated
Copper
0.012
b) Insulation 0.006" Wall, Nom. FLUOROPLASTIC 0.024+/- 0.002
(1) Tint Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE

Applicable Specifications
1) UL AWM/STYLE 11905 or STYLE 11540 300°C / 600 VRMS
2) Other Sunlight Resistant
Chemical Resistant
Water Resistant
3) CE: EU Low Voltage Directive 2014/35/EU




Similar Part No. - 2630

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2630 POMONA-2630 Datasheet
24Kb / 1P
Breakout: BNC (Female) To Alligator Test Clips
logo
Alpha Wire
2630 ALPHAWIRE-2630 Datasheet
98Kb / 4P
Customer Specification
2/21/2023
logo
Heyco.
2630 HEYCO-2630 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
Littelfuse
263001 LITTELFUSE-263001 Datasheet
63Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
logo
Integrated Technology F...
263001B ITF-263001B Datasheet
191Kb / 5P
SAW Bandpass Filter
2008-12-24
More results


Similar Description - 2630

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com