Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35307 Datasheet (PDF) - Alpha Wire

35307 Datasheet PDF - Alpha Wire
Part # 35307
Download  35307 Download
File Size   99.26 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

35307 Datasheet (PDF)

Go To PDF Page Download Datasheet
35307 Datasheet PDF - Alpha Wire

Part # 35307
Download  35307 Click to download

File Size   99.26 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

35307 Datasheet (HTML) - Alpha Wire


35307 Product details

Construction
Diameters (In)
1) Component 1 10 X 1 COND
a) Conductor 22 (7/30) AWG TC 0.030
b) Insulation 0.010" Wall, Nom. PVC 0.050
(1) Color(s)
Cond Color Cond Color Cond Color
1 BROWN 5 GREEN 9 WHITE
2 RED 6 BLUE 10 BLACK
3 ORANGE 7 VILOET
4 YELLOW 8 SLATE
2) Cable Assembly 10 Components assembled parallel. 0.05 +/- 0.002 x
0.500 +/- 0.020

Applicable Specifications
1) UL AWM/STYLE 2713 80°C / 150 VRMS
VW-1
2) Military
a) Component 1 MIL-DTL-16878/1 (Type B) 105°C / 600 VRMS




Similar Part No. - 35307

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35307 ETC2-35307 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
35307 ETC2-35307 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
logo
FIBOX Enclosing innovat...
3530717 FIBOX-3530717 Datasheet
36Kb / 1P
Connection bridge and gasket
31.07.2023
3530718 FIBOX-3530718 Datasheet
36Kb / 1P
Connection bridge and gasket
31.07.2023
3530764 FIBOX-3530764 Datasheet
39Kb / 1P
Distance spacer for front plates
31.07.2023
More results


Similar Description - 35307

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com