Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3533 Datasheet (PDF) - Alpha Wire

3533 Datasheet PDF - Alpha Wire
Part # 3533
Download  3533 Download
File Size   99.48 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

3533 Datasheet (PDF)

Go To PDF Page Download Datasheet
3533 Datasheet PDF - Alpha Wire

Part # 3533
Download  3533 Click to download

File Size   99.48 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

3533 Datasheet (HTML) - Alpha Wire


3533 Product details

Construction
Diameters (In)
1) Component 1 30 X 1 COND
a) Conductor 22 (19/34) AWG TC 0.032
b) Insulation 0.010" Wall, Nom. PVC 0.052
(1) Color(s)
Cond Color Cond Color Cond Color
1 BROWN 11 BROWN 21 BROWN
2 RED 12 RED 22 RED
3 ORANGE 13 ORANGE 23 ORANGE
4 YELLOW 14 YELLOW 24 YELLOW
5 GREEN 15 GREEN 25 GREEN
6 BLUE 16 BLUE 26 BLUE
7 VILOET 17 VIOLET 27 VIOLET
8 SLATE 18 SLATE 28 SLATE
9 WHITE 19 WHITE 29 WHITE
10 BLACK 20 BLACK 30 BLACK
2) Cable Assembly 30 Components assembled parallel. 0.052 +/- 0.002 x
1.560 +/- 0.060

Applicable Specifications
1) UL AWM/STYLE 2713 80°C / 150 VRMS
VW-1
2) Military
a) Component 1 MIL-DTL-16878/1 (Type B) 105°C / 600 VRMS




Similar Part No. - 3533

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3533 POMONA-3533 Datasheet
25Kb / 1P
Adapter BNC Male To Male
logo
3M Electronics
3533 3M-3533 Datasheet
27Kb / 2P
Adapter BNC Male To Male
28-May-2002
logo
ASM GmbH
3533 ASM-SENSOR-3533 Datasheet
4Mb / 16P
F체r Produktionslinien, Forschung und Entwicklung
logo
Alpha Wire
3533 ALPHAWIRE-3533 Datasheet
99Kb / 4P
Customer Specification
2/22/2023
logo
Multicomp Pro
3533 MULTICOMP-3533 Datasheet
239Kb / 2P
Food-Grade Heat-Shrink Tubing Clear
16/05/20 V1.0
More results


Similar Description - 3533

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com