Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

355014 Datasheet (PDF) - Alpha Wire

355014 Datasheet PDF - Alpha Wire
Part # 355014
Download  355014 Download
File Size   99.34 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

355014 Datasheet (PDF)

Go To PDF Page Download Datasheet
355014 Datasheet PDF - Alpha Wire

Part # 355014
Download  355014 Click to download

File Size   99.34 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

355014 Datasheet (HTML) - Alpha Wire


355014 Product details

Construction
Diameters (In)
1) Component 1 14 X 1 COND
a) Conductor 26 (7/34) AWG TC 0.019
b) Insulation 0.010" Wall, Nom. PVC 0.039
(1) Color(s)
Cond Color Cond Color Cond Color
1 BROWN 6 BLUE 11 BROWN
2 RED 7 VILOET 12 RED
3 ORANGE 8 SLATE 13 ORANGE
4 YELLOW 9 WHITE 14 YELLOW
5 GREEN 10 BLACK
2) Cable Assembly 14 Components assembled parallel. 0.039 +/- 0.002 x
0.546 +/- 0.028

Applicable Specifications
1) UL AWM/STYLE 2713 80°C / 150 VRMS
VW-1
2) Military
a) Component 1 MIL-DTL-16878/1 (Type B) 105°C / 600 VRMS




Similar Part No. - 355014

ManufacturerPart #DatasheetDescription
logo
Lumberg
355014 LUMBERG-355014 Datasheet
90Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
355014 LUMBERG-355014 Datasheet
473Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
Alpha Wire
355014 ALPHAWIRE-355014_V01 Datasheet
99Kb / 4P
Customer Specification
2/22/2023
More results


Similar Description - 355014

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com