Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC74AF Datasheet (PDF) - Toshiba Semiconductor

74HC74AF Datasheet PDF - Toshiba Semiconductor
Part # 74HC74AF
Download  74HC74AF Download
File Size   277.71 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Dual D-Type Flip Flop Preset and Clear

74HC74AF Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC74AF Datasheet PDF - Toshiba Semiconductor

Part # 74HC74AF
Download  74HC74AF Click to download

File Size   277.71 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Dual D-Type Flip Flop Preset and Clear

74HC74AF Datasheet (HTML) - Toshiba Semiconductor


74HC74AF Product details

Features
• High speed: fmax = 77 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 µA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼
− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS74




Similar Part No. - 74HC74AF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC74A ONSEMI-74HC74A Datasheet
116Kb / 7P
Dual D Flip-Flop with Set and Reset
August, 2014 ??Rev. 14
logo
Toshiba Semiconductor
74HC74AP TOSHIBA-74HC74AP Datasheet
312Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop Preset and Clear
74HC74AP TOSHIBA-74HC74AP Datasheet
236Kb / 6P
DUAL D-TYPE FLIP FLOP PRESET AND CLEAR
74HC74AP TOSHIBA-74HC74AP Datasheet
234Kb / 9P
Dual D-Type Flip Flop Preset and Clear
More results


Similar Description - 74HC74AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Mar-2000
logo
Toshiba Semiconductor
TC74HC74AP TOSHIBA-TC74HC74AP Datasheet
236Kb / 6P
DUAL D-TYPE FLIP FLOP PRESET AND CLEAR
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
logo
Fairchild Semiconductor
74VHC74MTCX FAIRCHILD-74VHC74MTCX Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
logo
Toshiba Semiconductor
TC74HC74AP TOSHIBA-TC74HC74AP_18 Datasheet
234Kb / 9P
Dual D-Type Flip Flop Preset and Clear
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com