Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP87CM20AF Datasheet (PDF) - Toshiba Semiconductor

TMP87CM20AF Datasheet PDF - Toshiba Semiconductor
Part # TMP87CM20AF
Download  TMP87CM20AF Download
File Size   647.15 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS 8-Bit Microcontroller

TMP87CM20AF Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP87CM20AF Datasheet PDF - Toshiba Semiconductor

Part # TMP87CM20AF
Download  TMP87CM20AF Click to download

File Size   647.15 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS 8-Bit Microcontroller

TMP87CM20AF Datasheet (HTML) - Toshiba Semiconductor


TMP87CM20AF Product details

Features
8-bit single chip microcomputer TLCS-870 Series
Instruction execution time: 0.5 us (at 8 MHz), 122 us (at 32.768 kHz)
412 basic instructions
Multiplication and Division (8 bits x 8 bits, 16 bits + 8 bits)
• Bit manipulations (set/clear/complement/move/test/exclusive or)
16-bit data operations
1-byte jump/subroutine-call (Short relative jump/Vector call)
13 interrupt sources (External: 4, Internal: 9)
All sources have independent latches each, and nested
interrupt control is available.
2 edge-selectable external interrupts with noise reject
High-speed task switching by register bank changeover
7 Input/Output ports (45 pins)
High current output: 2 pins (typ. 20 mA)
16-bit Timer/Counter
Timer, Event counter, Pulse width measurement, Frequency
measurement modes
Four 8-bit Timer/Counters
Timer, Event counter, Capture (Pulse width/duty measurement),
PWM output, Programmable divider output modes
Time Base Timer (Interrupt frequency: 1 Hz to 16 kHz)
Divider output function (frequency: 1 kHz to 8 kHz)
Watchdog Timer
• Interrupt source/reset output (programmable)
▶8-bit Serial Interface
With 8 bytes transmit/receive data buffer
Internal/external serial clock, and 4/8-bit mode
LCD driver/Controller
LCD direct drive capability (max. 16-digit display at 1/4 duty LCD).
1/4, 1/3, 1/2 duties or static drive are programmably selectable.
With display memory.




Similar Part No. - TMP87CM20AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CM21 TOSHIBA-TMP87CM21 Datasheet
5Mb / 106P
CMOS 8-BIT MICROCONTROLLER
TMP87CM21CDF TOSHIBA-TMP87CM21CDF Datasheet
5Mb / 112P
CMOS 8-BIT MICROCONTROLLER
TMP87CM21CDFG TOSHIBA-TMP87CM21CDFG Datasheet
5Mb / 118P
TLCS-870 Series
TMP87CM21CF TOSHIBA-TMP87CM21CF Datasheet
5Mb / 112P
CMOS 8-BIT MICROCONTROLLER
TMP87CM21CFG TOSHIBA-TMP87CM21CFG Datasheet
5Mb / 118P
TLCS-870 Series
More results


Similar Description - TMP87CM20AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com