Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV8189 Datasheet (PDF) - ON Semiconductor

NCV8189 Datasheet PDF - ON Semiconductor
Part # NCV8189
Download  NCV8189 Download
File Size   350.9 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LDO Regulator, 0.5A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good

NCV8189 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCV8189 Datasheet PDF - ON Semiconductor

Part # NCV8189
Download  NCV8189 Click to download

File Size   350.9 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LDO Regulator, 0.5A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good

NCV8189 Datasheet (HTML) - ON Semiconductor


NCV8189 Product details

The NCV8189 is a 0.5A LDO, next generation of high PSRR, low
noise and low dropout regulators with Power Good open collector
output. Designed to meet the requirements of RF and sensitive analog
circuits, the NCV8189 device provides low noise, high PSRR and low
quiescent current while offering the ability to regulate output voltages
down to 0.6 V. The device also offers excellent load / line transients.
The NCV8189 is designed to work with a 4.7 F input and output
ceramic capacitor. It is available in industry standard DFNW8 0.65P, 3
mm x 3 mm and WDFNW6 0.65P, 2 mm x 2 mm.

Features
• Operating Input Voltage Range: 1.6 V to 5.5 V
• Available in Fixed Voltage Option: 0.6 V to 5.0 V
• Adjustable Version Reference Voltage: 0.6 V
• ±0.7% Initial Accuracy at 25°C
• ±1% Accuracy Over Load and Temperature (up to 125°C)
• Low Quiescent Current Typ. 35 A
• Shutdown Current: Typ. 0.1 A
• Very Low Dropout: Typ. 65 mV at 0.5 A for 3.3 V Variant
• High PSRR: Typ. 85 dB at 100 mA, f = 1 kHz
• Low Noise: 10 VRMS (Fixed Version)
• Stable with a 4.7 F Small Case Size Ceramic Capacitors
• Controlled Output Voltage Slew Rate from 5 mV / s
• Available in DFNW8 3 mm x 3 mm x 0.9 mm Case 507AD
and WDFNW6 2 mm x 2 mm x 0.75 mm Case 511DW
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Typical Applications
• Communication Systems
• In−Vehicle Networking
• Telematics, Infotainment and Clusters
• General Purpose Automotive




Similar Part No. - NCV8189

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8189 ONSEMI-NCV8189 Datasheet
439Kb / 14P
LDO Regulator, 0.5A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
February, 2025 - Rev. 3
NCV8189CML120TCG ONSEMI-NCV8189CML120TCG Datasheet
439Kb / 14P
LDO Regulator, 0.5A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
February, 2025 - Rev. 3
NCV8189CMLADJTCG ONSEMI-NCV8189CMLADJTCG Datasheet
439Kb / 14P
LDO Regulator, 0.5A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
February, 2025 - Rev. 3
NCV8189CMTW075TAG ONSEMI-NCV8189CMTW075TAG Datasheet
439Kb / 14P
LDO Regulator, 0.5A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
February, 2025 - Rev. 3
NCV8189CMTW120TAG ONSEMI-NCV8189CMTW120TAG Datasheet
439Kb / 14P
LDO Regulator, 0.5A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
February, 2025 - Rev. 3
More results


Similar Description - NCV8189

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
logo
ACE Technology Co., LTD...
ACE527H ACE-ACE527H Datasheet
1Mb / 16P
Low Noise, High PSRR LDO Regulator
VER 1.3
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
ON Semiconductor
NCP164 ONSEMI-NCP164 Datasheet
365Kb / 10P
LDO Regulator, 300mA, Low Dropout Voltage, Ultra Low Noise, High PSRR with Power Good
April, 2020 ??Rev. 0
NCV8164 ONSEMI-NCV8164 Datasheet
423Kb / 13P
LDO Regulator, 300mA, Low Dropout Voltage, Ultra Low Noise, High PSRR with Power Good
February, 2020 ??Rev. 0
NCP59801 ONSEMI-NCP59801 Datasheet
373Kb / 13P
LDO Regulator, 1A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
June, 2022 - Rev. 0
NCP189 ONSEMI-NCP189 Datasheet
346Kb / 12P
LDO Regulator, 0.5 A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
July, 2022 - Rev. 0
NCV59801 ONSEMI-NCV59801 Datasheet
351Kb / 13P
LDO Regulator, 1A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
August, 2022 - Rev. 0
NCV59801 ONSEMI-NCV59801_V01 Datasheet
421Kb / 14P
LDO Regulator, 1A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
July, 2023 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com