Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8417-2 Datasheet (PDF) - Analog Devices

AD8417-2 Datasheet PDF - Analog Devices
Part # AD8417-2
Download  AD8417-2 Download
File Size   791.25 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional, Zero Drift, Current Sense Amplifier

AD8417-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8417-2 Datasheet PDF - Analog Devices

Part # AD8417-2
Download  AD8417-2 Click to download

File Size   791.25 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional, Zero Drift, Current Sense Amplifier

AD8417-2 Datasheet (HTML) - Analog Devices


AD8417-2 Product details

GENERAL DESCRIPTION
The AD8417-2 is a high-voltage, high-resolution dual-channel current
shunt amplifier. It features an initial gain of 60 V/V and performs
bidirectional current measurements across a shunt resistor in
a variety of automotive and industrial applications, including motor
control, power management, and solenoid control.
The AD8417-2 offers breakthrough performance throughout the
−40°C to +125°C temperature range. It features a zero drift core,
which leads to a typical offset drift of 0.1 μV/°C throughout the
operating temperature range and the common-mode voltage range.
The device includes EMI filters and patented circuitry to enable
output accuracy with pulse-width modulation (PWM) type input
common-mode voltages. The typical input offset voltage is ±200 μV.
The AD8417-2 is offered in a small 10-ball 1 mm × 1.9 mm WLCSP.
It requires a smaller board area than a typical single-channel
current sense amplifier, increasing 2× channel density, and a lower
cost per channel without compromising performance.

FEATURES
► Typical 0.1 μV/°C offset drift
► Maximum ±400 μV voltage offset over full temperature range
► 2.7 V to 5.5 V power supply operating range
► Electromagnetic interference (EMI) filters included
► High common-mode input voltage range
► −2 V to +36 V continuous
► Initial gain = 60 V/V
► Wide operating temperature range: −40°C to +125°C
► Bidirectional operation
► Dual channel in a small 1 mm x 1.9 mm WLCSP
► Common-mode rejection ratio (CMRR): 86 dB, dc to 10 kHz

APPLICATIONS
► High-side current sensing in:
► Motor controls
► Solenoid controls
► Power management
► Low-side current sensing
► Diagnostic protection




Similar Part No. - AD8417-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8417 AD-AD8417 Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417 AD-AD8417 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
AD8417BRMZ AD-AD8417BRMZ Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417BRMZ AD-AD8417BRMZ Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
AD8417BRMZ-RL AD-AD8417BRMZ-RL Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
More results


Similar Description - AD8417-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8417 AD-AD8417 Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
AD8418A AD-AD8418A Datasheet
424Kb / 17P
Bidirectional, Zero Drift, Current Sense Amplifier
5/2018-Rev. B to Rev. C
logo
Texas Instruments
INA186 TI1-INA186 Datasheet
1Mb / 31P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
Zero-Drift, Bi-directional Current Sense Amplifier
TP199A1T 3PEAK-TP199A1T Datasheet
779Kb / 9P
Zero-Drift, Bi-directional Current Sense Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com