Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC9101-2 Datasheet (PDF) - Analog Devices

LTC9101-2 Datasheet PDF - Analog Devices
Part # LTC9101-2
Download  LTC9101-2 Download
File Size   3241.94 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12/24-Port IEEE 802.3bt PoE PSE Controller

LTC9101-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC9101-2 Datasheet PDF - Analog Devices

Part # LTC9101-2
Download  LTC9101-2 Click to download

File Size   3241.94 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12/24-Port IEEE 802.3bt PoE PSE Controller

LTC9101-2 Datasheet (HTML) - Analog Devices


LTC9101-2 Product details

DESCRIPTION
The LTC®9101-2 chipset is a 12/24-port power sourcing
equipment (PSE) controller designed for use in IEEE 802.3bt
Type 3 and 4 compliant Power over Ethernet (PoE) systems.
The LTC9101-2/LTC9102 is designed to power compliant
802.3af, 802.3at, and 802.3bt PDs. The LTC9101-2/LTC9102
chipset delivers lowest-in-industry heat dissipation by utilizing
low RDS(ON) external MOSFETs and 0.1Ω sense resistance
per power channel. A transformer-isolated communication
protocol replaces expensive opto-couplers and complex isolated
3.3V supply, resulting in significant BOM cost savings.
Advanced power management features include per-port
14‑bit current/voltage monitoring, programmable power
limits, and versatile fast shut down of preselected ports.
An advanced power management host software layer is
available. PD detection uses a proprietary multipoint detection
mechanism ensuring excellent immunity from false PD
identification. Autoclass and 5-event physical classification
are supported. The LTC9101-2/LTC9102 includes an
I2C serial interface operable up to 1MHz. The LTC9101-2/
LTC9102 is pin or I2C programmable to negotiate PD delivered
power up to 71.3W.

FEATURES
- Fully Compliant IEEE 802.3bt Type 3 and 4 PSE
- Up to 24 PSE Ports with Two Power Channels per Port
- +80V/–20V Tolerant Port-Facing Pins
- ECC-Protected eFlash and Data RAMs
- Low Power Path Dissipation per Channel
- 100mΩ Sense Resistance
- 30mΩ or Lower MOSFET RDS(ON)
- Chipset Provides Electrical Isolation
- Eliminates Optos and Isolated 3.3V Supply
- Very High Reliability Multipoint PD Detection
- Connection Check Distinguishes Single-
Signature and Dual-Signature PDs
- Continuous Per-Port Voltage and Current Monitoring
- 1MHz I2C Compatible Serial Control Interface
- Pin or I2C Programmable PD Power
- Available in a 24-Lead 4mm × 4mm (LTC9101‑2) and
64-Lead 7mm × 11mm (LTC9102) QFN Packages

APPLICATIONS
- PoE PSE Switches/Routers and Midspans




Similar Part No. - LTC9101-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC9101-2 AD-LTC9101-2 Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
LTC9101-2 AD-LTC9101-2 Datasheet
2Mb / 39P
24-/48-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 39P
24-/48-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LTC9101-2B AD-LTC9101-2B Datasheet
2Mb / 39P
24-/48-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
More results


Similar Description - LTC9101-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4270 LINER-LTC4270 Datasheet
616Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_12 Datasheet
389Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
logo
Analog Devices
LTC4291-1 AD-LTC4291-1 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
LTC9101-1 AD-LTC9101-1 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Skyworks Solutions Inc.
SI3471 SKYWORKS-SI3471 Datasheet
585Kb / 26P
Autonomous Single Ethernet Port IEEE 802.3bt PoE PSE Device
Revision 1.0 May, 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com