Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF065 Datasheet (PDF) - Global Connector Technology

BF065 Datasheet PDF - Global Connector Technology
Part # BF065
Download  BF065 Download
File Size   116.1 Kbytes
Page   1 Pages
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology
Description 2.0mm Pitch Pin Header Dual Row, Surface Mount

BF065 Datasheet (PDF)

Go To PDF Page Download Datasheet
BF065 Datasheet PDF - Global Connector Technology

Part # BF065
Download  BF065 Click to download

File Size   116.1 Kbytes
Page   1 Pages
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology
Description 2.0mm Pitch Pin Header Dual Row, Surface Mount

BF065 Datasheet (HTML) - Global Connector Technology




Similar Part No. - BF065

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
BF06 AVX-BF06 Datasheet
57Kb / 4P
Radial Leads
logo
Global Connector Techno...
BF060 GCT-BF060 Datasheet
124Kb / 1P
2.00mm Pitch Pin Header,Dual Row, Through Hole,Horizontal
31st October 2007
BF060-04A-A-0400-0280 GCT-BF060-04A-A-0400-0280 Datasheet
124Kb / 1P
2.00mm Pitch Pin Header,Dual Row, Through Hole,Horizontal
31st October 2007
BF060-04A-B-0400-0280 GCT-BF060-04A-B-0400-0280 Datasheet
124Kb / 1P
2.00mm Pitch Pin Header,Dual Row, Through Hole,Horizontal
31st October 2007
BF060-04B-A-0400-0280 GCT-BF060-04B-A-0400-0280 Datasheet
124Kb / 1P
2.00mm Pitch Pin Header,Dual Row, Through Hole,Horizontal
31st October 2007
More results


Similar Description - BF065

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NA32C1 ETC2-NA32C1 Datasheet
40Kb / 1P
2.0mm 4 Pin Ceramic Surface Mount Crystal
NCA32C1 ETC2-NCA32C1 Datasheet
38Kb / 1P
2.0mm 4 Pin Ceramic Surface Mount Crystal
logo
Dubilier
DBCPHC3510AG1 DUBILIER-DBCPHC3510AG1 Datasheet
102Kb / 1P
PIN HEADER DUAL ROW STRAIGHT SMT - 2.0MM
DBCPHC3610AG1 DUBILIER-DBCPHC3610AG1 Datasheet
97Kb / 1P
PIN HEADER DUAL BODY SINGLE ROW - 2.0MM
logo
SUYIN USA, INC.
200112MS SUYIN-USA-200112MS Datasheet
177Kb / 1P
2.0mm DUAL ROW HEADER STRAIGHT P.C.B. MOUNT TYPE
200115MS SUYIN-USA-200115MS Datasheet
159Kb / 1P
2.0mm DUAL ROW BOX HEADER P.C.B. MOUNT TYPE
200116MS SUYIN-USA-200116MS Datasheet
192Kb / 1P
2.0mm DUAL ROW BOX HEADER P.C.B. MOUNT TYPE
200170MS SUYIN-USA-200170MS Datasheet
149Kb / 1P
2.0mm DUAL ROW ACTIVE EJECT PIN HEADER STRAIGHT TYPE
logo
Switchcraft, Inc.
RASM722 SWITCH-RASM722 Datasheet
95Kb / 1P
POWER JACK, SURFACE MOUNT 0.08 [2.0mm] PIN
logo
Global Connector Techno...
BF135 GCT-BF135 Datasheet
103Kb / 1P
2.00mm Pitch Pin Header,Dual Row, Surface Mount,Horizontal
31st October 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com