Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3181 Datasheet (PDF) - Amphenol Corporation

MS3181 Datasheet PDF - Amphenol Corporation
Part # MS3181
Download  MS3181 Download
File Size   1867.25 Kbytes
Page   32 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Amphenol Miniature Cylindrical MIL-DTL-26482, Series 2 Connectors

MS3181 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS3181 Datasheet PDF - Amphenol Corporation

Part # MS3181
Download  MS3181 Click to download

File Size   1867.25 Kbytes
Page   32 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Amphenol Miniature Cylindrical MIL-DTL-26482, Series 2 Connectors

MS3181 Datasheet (HTML) - Amphenol Corporation


MS3181 Product details

DESIGN CHARACTERISTICS
Medium size, environmentally resistant connector
Recommended operating voltage to 1000 VAC (RMS)
at sea level
Quick positive coupling assured by 3 point bayonet coupling system
Visual confirmation of complete coupling
Eliminates mismating by the use of five key/keyway design
Insertion and removal of contacts from the rear of the connectors
assures no damage to the front that might affect the sealing
characteristics
Utilizes same standard qualified rear release type
plastic tool for contact insertion and removal
Contacts are qualified to SAE AS 39029 requirements - BIN
coded (three colour bands), and are crimped with standard crimp
tools per MIL-C-22520
Grommets are constructed of tear-resistant
elastomer and experience no degradation when exposed to a broad
range of fluids
Sealing over a range of wire diameters is assured by a triple webbed
grommet at the rear of the connector
Closed entry socket side of the insert is designed with a lead-in
chamfer and a hard face that will accept a pin contact bent within
pre-established limits
Elastomer interfacial seal on the pin side has raised barriers around
each pin which displace into the socket chamfer when mated,
providing a positive moisture seal




Similar Part No. - MS3181

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS3181 GLENAIR-MS3181 Datasheet
76Kb / 1P
Protective Plug and Receptacle Covers
MS3181-10C GLENAIR-MS3181-10C Datasheet
76Kb / 1P
Protective Plug and Receptacle Covers
MS3181-10CAL GLENAIR-MS3181-10CAL Datasheet
76Kb / 1P
Protective Plug and Receptacle Covers
MS3181-10N GLENAIR-MS3181-10N Datasheet
76Kb / 1P
Protective Plug and Receptacle Covers
MS3181-10NAL GLENAIR-MS3181-10NAL Datasheet
76Kb / 1P
Protective Plug and Receptacle Covers
More results


Similar Description - MS3181

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3470W8-33P AMPHENOL-MS3470W8-33P Datasheet
336Kb / 13P
MIL-DTL-26482, Series 2, Matrix
MS3474W20-41P AMPHENOL-MS3474W20-41P Datasheet
1Mb / 20P
AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
MS3475W12-8P AMPHENOL-MS3475W12-8P Datasheet
336Kb / 13P
Amphenol MIL-DTL-26482, Series 2, Matrix
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
Amphenol /Matrix MIL-C-26482, Series 2 Connectors
MS3101A24-10S AMPHENOL-MS3101A24-10S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 ahd MIL-5015 Type Standard Cylindrical Connectors
MS3475L18-32P AMPHENOL-MS3475L18-32P Datasheet
336Kb / 13P
MIL-DTL-26482, Series 2, Matrix
logo
List of Unclassifed Man...
MIL-C-26482 ETC-MIL-C-26482 Datasheet
104Kb / 1P
Miniature Cylindrical MIL-C-26482, Series 2
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com