Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BN40W Datasheet (PDF) - IDEC Corporation

BN40W Datasheet PDF - IDEC Corporation
Part # BN40W
Download  BN40W Download
File Size   1439.89 Kbytes
Page   4 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description Terminal Blocks

BN40W Datasheet (PDF)

Go To PDF Page Download Datasheet
BN40W Datasheet PDF - IDEC Corporation

Part # BN40W
Download  BN40W Click to download

File Size   1439.89 Kbytes
Page   4 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description Terminal Blocks

BN40W Datasheet (HTML) - IDEC Corporation


BN40W Product details

Key features:
• Touch-down terminals with spring-loaded captive screws
• Jumpers available up to 50A model
• Fuse block with or without blown-fuse indicator in neon or LED
• Mounts on 35mm standard DIN rail




Similar Part No. - BN40W

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
BN44-00024A SAMSUNG-BN44-00024A Datasheet
1Mb / 43P
Color Monitor
September 1999
logo
Schneider Electric
BN450M SCHNEIDER-BN450M Datasheet
70Kb / 2P
APC Back-UPS, 6 Outlets, 450VA, 120V, Retail
More results


Similar Description - BN40W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
SPLICER TERMINAL BLOCKS
logo
Cooper Bussmann, Inc.
14002-2 COOPER-14002-2 Datasheet
55Kb / 1P
Barrier Terminal Blocks
logo
National Instruments Co...
777687-00 NI-777687-00 Datasheet
729Kb / 9P
SCXI Terminal Blocks
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
BUCHANAN Terminal Blocks
logo
Adam Technologies, Inc.
E333935 ADAM-TECH-E333935 Datasheet
38Kb / 2P
Terminal Blocks - Component
logo
Mean Well Enterprises C...
TBC-07 MEANWELL-TBC-07 Datasheet
110Kb / 1P
Cover for terminal Blocks
TBC-08 MEANWELL-TBC-08 Datasheet
106Kb / 1P
Cover for terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
SMD Terminal Blocks
06/2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com