Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2100 Datasheet (PDF) - MOSA ELECTRONICS

MS2100 Datasheet PDF - MOSA ELECTRONICS
Part # MS2100
Download  MS2100 Download
File Size   208.2 Kbytes
Page   4 Pages
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS
Description Rail-to-Rail Output Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers

MS2100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS2100 Datasheet PDF - MOSA ELECTRONICS

Part # MS2100
Download  MS2100 Click to download

File Size   208.2 Kbytes
Page   4 Pages
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS
Description Rail-to-Rail Output Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers

MS2100 Datasheet (HTML) - MOSA ELECTRONICS


MS2100 Product details

DESCRIPTION
The MS2100 is high slew rate CMOS operation amplifier optimize for low voltage, single supply operation. It designed to be used for general purpose amplifier of general electronic equipment for consumer appliances.

FEATURES
• CMOS rail to rail output
• 2.7 to 6.5V single supply operation
• Gain-Bandwidth Product : 12MHz
• High slew rate : 6V/s
• No crossover distortion
• Space saving SOP8 package
• Cost efficient
• Pin assignments is the same as the general-purpose dual operational amplifiers

APPLICATIONS
• Active filters
• Servo amplifier
• Multimedia system
• Digital to Analog Converter buffers
• Laptop、 Set-Top BOX
• Microphone preamplifier
• Cross-reference to low voltage application :
   NJM2100, BA4510
   TLV2632, TLV2772
   TS462




Similar Part No. - MS2100

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS2100 MOSA-MS2100 Datasheet
190Kb / 6P
Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
MS2100GTR MOSA-MS2100GTR Datasheet
190Kb / 6P
Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
MS2100GU MOSA-MS2100GU Datasheet
190Kb / 6P
Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
MS2100 MOSA-MS2100_1 Datasheet
190Kb / 6P
Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
More results


Similar Description - MS2100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2772Y TI-TLV2772Y Datasheet
638Kb / 32P
2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
logo
MOSA ELECTRONICS
MS2100 MOSA-MS2100_1 Datasheet
190Kb / 6P
Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
Diodes Incorporated
AZV358 DIODES-AZV358 Datasheet
445Kb / 15P
DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Rev 1
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
logo
E-CMOS Corporation
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com