Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G905 Datasheet (PDF) - Global Mixed-mode Technology Inc

G905 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G905
Download  G905 Download
File Size   238.65 Kbytes
Page   6 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2.5V 600mA Low Dropout Regulator

G905 Datasheet (PDF)

Go To PDF Page Download Datasheet
G905 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G905
Download  G905 Click to download

File Size   238.65 Kbytes
Page   6 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2.5V 600mA Low Dropout Regulator

G905 Datasheet (HTML) - Global Mixed-mode Technology Inc


G905 Product details

General Description
The G905 positive 2.5V voltage regulator features the ability to source 600mA of output current with a dropout voltage of typically 0.8V. A low quiescent current is provided. The typical quiescent current is 0.3mA.
Familiar regulator features such as over temperature and over current protection circuits are provided to prevent it from being damaged by abnormal operating conditions.

Features
■ Dropout Voltage Typically 0.8V @ IO = 600mA
■ Output Current in 600mA
■ Output Voltage Accuracy ±2%
■ Quiescent Current, Typically 0.3mA
■ Internal Short Circuit Current Limit
■ Internal Over Temperature Protection

Application
■ CD-R/W
■ DVD-ROM
■ DVD Player
■ LAN Switch
■ Broadband Access




Similar Part No. - G905

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9052 GMT-G9052 Datasheet
37Kb / 1P
Dual, 300mA Low-Dropout Linear Regulators
G905 GMT-G905_15 Datasheet
66Kb / 1P
2.5V 600mA Low Dropout Regulator
More results


Similar Description - G905

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Global Mixed-mode Techn...
G915 GMT-G915_15 Datasheet
40Kb / 1P
1.5V 600mA Low Dropout Regulator
G905 GMT-G905_15 Datasheet
66Kb / 1P
2.5V 600mA Low Dropout Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
600mA Low-Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com