Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G914E Datasheet (PDF) - Global Mixed-mode Technology Inc

G914E Datasheet PDF - Global Mixed-mode Technology Inc
Part # G914E
Download  G914E Download
File Size   275.14 Kbytes
Page   10 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 300mA Low-Noise LDO Regulators

G914E Datasheet (PDF)

Go To PDF Page Download Datasheet
G914E Datasheet PDF - Global Mixed-mode Technology Inc

Part # G914E
Download  G914E Click to download

File Size   275.14 Kbytes
Page   10 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 300mA Low-Noise LDO Regulators

G914E Datasheet (HTML) - Global Mixed-mode Technology Inc


G914E Product details

General Description
The G914X is a low supply current, high PSRR low dropout linear regulator that comes in a space saving SOT-23-5 package. The supply current at no-load is 55µA. In the shutdown mode, the maximum supply current is less than 1µA. Operating voltage range of the G914X is from 2.5V to 5.5V. The over-current protection limit is set at 500mA typical and 400mA minimum. An over- temperature protection circuit is built-in in the G914X to prevent thermal overload. These power saving features make the G914X ideal for use in the battery-powered applications such as notebook computers, cellular phones, and PDA’s.

Features
■ Ultra Low Output Noise⎯30µV (rms)
■ Ultra Low 55µA No-Load Supply Current
■ Ultra Low Dropout 70mV @ 50mA Load
■ Guarantee 300mA Output Current
■ Over-Temperature and Short-Circuit Protection
■ Fixed Mode: 2.70V (G914A), 2.80V (G914B)
                        3.00V (G914C), 3.30V (G914D)
                        2.50V (G914E), 2.85V (G914F)
                        1.50V (G914G), 1.80V (G914H)
■ Adjustable Mode: from 1.25V to 5.50V (G914Z)
■ PSRR=70dB
■ Max. Supply Current in Shutdown Mode < 1µA
■ Stable with low cost ceramic capacitors

Applications
■ Notebook Computers
■ Cellular Phones
■ PDA
■ Hand-Held Devices
■ Battery-Powered Application




Similar Part No. - G914E

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914E GMT-G914E Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
G914EF GMT-G914EF Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
More results


Similar Description - G914E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G924 GMT-G924 Datasheet
427Kb / 9P
300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Linear Technology
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G924 GMT-G924_15 Datasheet
111Kb / 2P
300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
300mA Low-Noise LDO Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com