Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1421F Datasheet (PDF) - Global Mixed-mode Technology Inc

G1421F Datasheet PDF - Global Mixed-mode Technology Inc
Part # G1421F
Download  G1421F Download
File Size   431.94 Kbytes
Page   24 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function

G1421F Datasheet (PDF)

Go To PDF Page Download Datasheet
G1421F Datasheet PDF - Global Mixed-mode Technology Inc

Part # G1421F
Download  G1421F Click to download

File Size   431.94 Kbytes
Page   24 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function

G1421F Datasheet (HTML) - Global Mixed-mode Technology Inc


G1421F Product details

General Description
G1421 is a stereo audio power amplifier in 24pin TSSOP thermal pad package. It can drive 1.8W continuous RMS power into 4Ω load per channel in Bridge-Tied Load (BTL) mode at 5V supply voltage. Its THD is smaller than 1% under the above operation condition. To simplify the audio system design in the notebook application, G1421 supports the Bridge-Tied Load (BTL) mode for driving the speakers, Single-End (SE) mode for driving the headphone. In the HP-IN mode, it can support a DC value to the phone-jacket and drive the headphone without the audio amplifier outputs coupling capacitors. G1421 can mute the output when Mute-In is activated. For the low current consumption applications, the SHDN mode is supported to disable G1421 when it is idle. The current consumption can be further reduced to below 5µA.

Features
■ Depop Circuitry Integrated
■ Output Power at 1% THD+N, VDD=5V
    --1.8W/CH (typical) into a 4Ω Load
    --1.2W/CH (typical) into a 8Ω Load
■ Eliminates Headphone Amplifier Output Coupling Capacitors
■ Maximum Output Power Clamping Circuitry Integrated
■ Bridge-Tied Load (BTL), Single-Ended (SE), and Stereo Headphone Amplifier (HP-IN) modes Supported
■ Stereo Input MUX
■ Mute and Shutdown Control Available
■ Surface-Mount Power Package 24-Pin TSSOP-P

Applications
■ Stereo Power Amplifiers for Notebooks or Desktop Computers
■ Multimedia Monitors
■ Stereo Power Amplifiers for Portable Audio Systems




Similar Part No. - G1421F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1421 ETC2-G1421 Datasheet
81Kb / 2P
For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1421 HEYCO-G1421 Datasheet
92Kb / 1P
Thick Panel Rubber Grommets
More results


Similar Description - G1421F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4867 NSC-LM4867 Datasheet
763Kb / 26P
Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4868 NSC-LM4868 Datasheet
792Kb / 28P
Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4913 NSC-LM4913 Datasheet
767Kb / 15P
2W Monaural, 90mW Stereo Headphone Audio Amplifier
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
LM4867 NSC-LM4867_02 Datasheet
844Kb / 28P
Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
logo
Rohm
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
2W 2W Stereo Speaker / Headphone Amplifier
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Jiaxing Heroic Technolo...
HT97220 HEROIC-HT97220 Datasheet
946Kb / 6P
125mW Stereo Line Driver/Headphone Amplifier with Output Coupling Capacitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com