Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103CB Datasheet (PDF) - STMicroelectronics

STM32F103CB Datasheet PDF - STMicroelectronics
Part # STM32F103CB
Download  STM32F103CB Download
File Size   140.5 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Leading-edge architecture with Cortex-M3 core

STM32F103CB Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F103CB Datasheet PDF - STMicroelectronics

Part # STM32F103CB
Download  STM32F103CB Click to download

File Size   140.5 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Leading-edge architecture with Cortex-M3 core

STM32F103CB Datasheet (HTML) - STMicroelectronics


STM32F103CB Product details

■ Harvard architecture
■ 1.25 DMIPS/MHz and 0.19 mW/MHz
■ Thumb-2 instruction set brings 32-bit performance
with 16-bit code density
■ Single cycle multiply and hardware division
■ Embedded, fast interrupt controller is now inside the
core allowing:
■ Excellent real-time behaviour
■ Low latency down to six CPU cycles inter-interrupt
■ Six CPU cycles wake-up time from low-power mode
■ Up to 35% faster and up to 45% less code than
ARM7TDMI®




Similar Part No. - STM32F103CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103CB STMICROELECTRONICS-STM32F103CB Datasheet
1Mb / 92P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
22-Sep-2009
STM32F103CB STMICROELECTRONICS-STM32F103CB Datasheet
1Mb / 96P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
03-Jun-2010
STM32F103CB STMICROELECTRONICS-STM32F103CB Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash
14-May-2013
STM32F103CB STMICROELECTRONICS-STM32F103CB Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
14-May-2013
STM32F103CB STMICROELECTRONICS-STM32F103CB Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
05-Aug-2013
More results


Similar Description - STM32F103CB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3U4EA-AU ATMEL-ATSAM3U4EA-AU Datasheet
1Mb / 61P
AT91ARM M3 Cortex-based Processor
logo
NXP Semiconductors
LPC1100 NXP-LPC1100 Datasheet
1Mb / 2P
Cortex-M0 based microcontrollers with industry-leading power and efficiency
January 2010
logo
ATMEL Corporation
ATSAM3U ATMEL-ATSAM3U_10 Datasheet
1Mb / 62P
AT91ARM Cortex M3-based Microcontrollers
logo
fujitsu semiconductor
MB9BF500 FUJITSU-MB9BF500 Datasheet
784Kb / 4P
32-bit MCUs with ARM Cortex-M3 Core
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251 Datasheet
851Kb / 35P
32-bit Microcontroller with ARM Cortex-M3 Core
May 27, 2011
logo
NXP Semiconductors
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251_12 Datasheet
1Mb / 35P
Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
HT32F1755 HOLTEK-HT32F1755 Datasheet
1Mb / 45P
Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
logo
Silicon Laboratories
EFM32G840F128 SILABS-EFM32G840F128 Datasheet
1Mb / 71P
ARM Cortex-M3 CPU platform
logo
Zilog, Inc.
Z32F0641MCU ZILOG-Z32F0641MCU Datasheet
5Mb / 205P
High Performance low-power Cortex-M3 core
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com