Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9611 Datasheet (PDF) - Global Mixed-mode Technology Inc

G9611 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G9611
Download  G9611 Download
File Size   566.51 Kbytes
Page   7 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Low-Dropout, 300mA Linear Regulator with Reset

G9611 Datasheet (PDF)

Go To PDF Page Download Datasheet
G9611 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G9611
Download  G9611 Click to download

File Size   566.51 Kbytes
Page   7 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Low-Dropout, 300mA Linear Regulator with Reset

G9611 Datasheet (HTML) - Global Mixed-mode Technology Inc


G9611 Product details

General Description
The G9611 are low-dropout, linear regulator with reset function supply 3.4V, 3.3V or 2.5V output for currents up to 300mA. They are available in a 700mW SOP 8 package. Typical dropouts are 320mV at 300mA. Shutdown turns off linear regulator function. Other features include foldback current limiting and thermal overload protection.

Features
■ 300mA Output Current, with Foldback Current Limiting
■ High Ripple Rejection
■ ±2% Output Accuracy
■ ±2% Reset Threshold Accuracy
■ Externally Programmable Reset Time Delay Generator
■ Internal 300mA P-Channel Pass Transistor
■ 320µA quiescent Current
■ Thermal Overload Protection
■ SOP 8 Package

Applications
■ CD ROM or DVD ROM
■ Slim-Type CD/DVD
■ DVD Player




Similar Part No. - G9611

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G961 GMT-G961 Datasheet
231Kb / 1P
1A Low Dropout Regulator with Enable
G961-15ADJTEU GMT-G961-15ADJTEU Datasheet
231Kb / 1P
1A Low Dropout Regulator with Enable
G961-15ADJTEUF GMT-G961-15ADJTEUF Datasheet
231Kb / 1P
1A Low Dropout Regulator with Enable
G961-18ADJTEU GMT-G961-18ADJTEU Datasheet
231Kb / 1P
1A Low Dropout Regulator with Enable
G961-18ADJTEUF GMT-G961-18ADJTEUF Datasheet
231Kb / 1P
1A Low Dropout Regulator with Enable
More results


Similar Description - G9611

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
300mA Low Dropout Linear Regulator
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com