Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2815S Datasheet (PDF) - Interpoint Corporation Company

MFL2815S Datasheet PDF - Interpoint Corporation Company
Part # MFL2815S
Download  MFL2815S Download
File Size   182.93 Kbytes
Page   8 Pages
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company
Description DC/DC CONVERTERS 28 VOLT INPUT

MFL2815S Datasheet (PDF)

Go To PDF Page Download Datasheet
MFL2815S Datasheet PDF - Interpoint Corporation Company

Part # MFL2815S
Download  MFL2815S Click to download

File Size   182.93 Kbytes
Page   8 Pages
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company
Description DC/DC CONVERTERS 28 VOLT INPUT

MFL2815S Datasheet (HTML) - Interpoint Corporation Company


MFL2815S Product details

28 Volt input – 65 Watt



Parallel operation with current share, up to 3 units (148 watts)

• -55° to +125°C operation

• 16 to 40 VDC input

• 50 V for 120 ms transient protection

• Fully isolated, magnetic feedback

• Fixed high frequency switching

• Remote sense or output trim on  single output models

• Inhibit function

• Sync in and Sync Out

• Indefinite short circuit protection

• High power density, 87% efficiency




Similar Part No. - MFL2815S

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MFL2815S CRANE-MFL2815S Datasheet
217Kb / 13P
MFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MFL2815S INTERPOINT-MFL2815S Datasheet
645Kb / 13P
Parallel operation with current share, 16 to 40 VDC input
logo
Crane Aerospace & Elect...
MFL2815S/883 CRANE-MFL2815S/883 Datasheet
217Kb / 13P
MFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MFL2815S/883 INTERPOINT-MFL2815S/883 Datasheet
311Kb / 14P
MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
logo
Crane Aerospace & Elect...
MFL2815S/ES CRANE-MFL2815S/ES Datasheet
217Kb / 13P
MFL Single and Dual DC/DC Converters
More results


Similar Description - MFL2815S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR121-2805 INTERPOINT-HR121-2805 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MHV283R3S INTERPOINT-MHV283R3S Datasheet
241Kb / 14P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com