Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5301 Datasheet (PDF) - Analog Devices

ADRF5301 Datasheet PDF - Analog Devices
Part # ADRF5301
Download  ADRF5301 Download
File Size   753.53 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon, SPDT Switch, 37 GHz to 49 GHz

ADRF5301 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5301 Datasheet PDF - Analog Devices

Part # ADRF5301
Download  ADRF5301 Click to download

File Size   753.53 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon, SPDT Switch, 37 GHz to 49 GHz

ADRF5301 Datasheet (HTML) - Analog Devices


ADRF5301 Product details

GENERAL DESCRIPTION
The ADRF5301 is a reflective, SPDT switch manufactured in the
silicon process. The ADRF5301 was developed for 5G applications from 37 GHz
to 49 GHz. This device has a low insertion loss of 1.4 dB, high
isolation of 30 dB, and RF input power handling capability of 28
dBm average and 36 dBm peak.
The ADRF5301 incorporates a negative voltage generator (NVG) to
operate with a single positive supply of 3.3 V applied to the VDD
pin. The device employs complementary metal-oxide semiconductor
(CMOS)-/low voltage transistor to transistor logic (LVTTL)-compatible
control. The ADRF5301 comes in a 20-terminal, 3 mm × 3 mm, RoHS-compliant,
land grid array package and can operate from −40°C to +105°C.

FEATURES
► Reflective design
► Low insertion loss: 1.4 dB typical
► High isolation: 30 dB typical
► High input linearity:
► P0.1dB: 36 dBm
► Input IP3: 52 dBm
► High RF power handling
► 28 dBm average
► 36 dBm peak
► Single-supply operation: 3.3V
► Internal NVG
► RF settling time (0.1 dB final RF output): 50 ns
► 20-terminal, 3 mm × 3 mm, land grid array (LGA) package

APPLICATIONS
► Industrial scanner
► Test instrumentation
► Cellular infrastructure mmWave 5G
► Military radios, radars, electronic counter measures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)




Similar Part No. - ADRF5301

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
More results


Similar Description - ADRF5301

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2185T6R NEC-UPG2185T6R Datasheet
83Kb / 9P
SPDT SWITCH FOR 2 GHz TO 6 GHz
UPG2408TK NEC-UPG2408TK Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2422TK CEL-UPG2422TK_09 Datasheet
770Kb / 16P
SPDT Switch for 0.05 GHz to 6.0 GHz
logo
Renesas Technology Corp
PG2415TK RENESAS-PG2415TK Datasheet
238Kb / 14P
0.5 to 6.0 GHz SPDT SWITCH
logo
Analog Devices
HMC8038 AD-HMC8038 Datasheet
407Kb / 11P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
REV. A
logo
Skyworks Solutions Inc.
SKYA21003 SKYWORKS-SKYA21003 Datasheet
175Kb / 2P
0.1 to 6.0 GHz SPDT Switch
SKYA21013 SKYWORKS-SKYA21013 Datasheet
616Kb / 9P
0.1 to 6.0 GHz SPDT Switch
logo
Analog Devices
ADRF5300 AD-ADRF5300 Datasheet
249Kb / 11P
Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
9/2020-Revision 0
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com