Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8052 Datasheet (PDF) - Analog Devices

LTM8052 Datasheet PDF - Analog Devices
Part # LTM8052
Download  LTM8052 Download
File Size   4805.42 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection

LTM8052 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM8052 Datasheet PDF - Analog Devices

Part # LTM8052
Download  LTM8052 Click to download

File Size   4805.42 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection

LTM8052 Datasheet (HTML) - Analog Devices


LTM8052 Product details

DESCRIPTION
The LTM®4652 is a source/sink dual ±25A or single ±50A
output switching mode step-down DC/DC μModule®
(micromodule) regulator with ±1.5% total DC output
error. Included in the package are the switching controllers,
power MOSFETs, inductors and all supporting
components. Operating from an input voltage range of
4.5V to 18V, the LTM4652 supports two outputs with an
output voltage range of 0.6V to 7.5V, each set by a single
external resistor. Its high efficiency design delivers up to
±25A continuous current for each output. Only a few input
and output capacitors are needed. Adjustable control loop
compensation allows for fast transient response to minimize
output capacitance when powering FPGAs, ASICs,
and processors.
Fault protection features include input and output overvoltage
and bidirectional overcurrent protection. The
LTM4652 is offered in a 16mm × 16mm × 4.92mm BGA package.

FEATURES
- Dual ±25A or Single ±50A Output Source/Sink
- Input Voltage Range: 4.5V to 18V (20V Abs Max)
- Output Voltage Range: 0.6V to 7.5V (8V Abs Max)
- ±1.5% Maximum Total DC Output Error Over Line, Load and Temperature
- Adjustable Control Loop Compensation
- Differential Remote Sense Amplifier
- Current Mode Control/Fast Transient Response
- Multiphase Parallel Current Sharing Up to ±300A
- Internal Temperature Monitor
- Adjustable Switching Frequency or Synchronization
- Overcurrent Foldback Protection
- Selectable Pulse-Skipping Mode Operation
- Soft-Start/Voltage Tracking
- Input and Output Overvoltage Protection
- 16mm × 16mm × 4.92mm BGA Package

APPLICATIONS
- Test and Measurement Instrumentation
- Telecom and Networking Equipment
- Industrial Equipment




Similar Part No. - LTM8052

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8052 LINER-LTM8052 Datasheet
357Kb / 28P
36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM8052 LINER-LTM8052 Datasheet
469Kb / 28P
de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
logo
Analog Devices
LTM8052 AD-LTM8052 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
logo
Linear Technology
LTM8052A LINER-LTM8052A Datasheet
297Kb / 6P
36V, 5A, 2-Quadrant CVCC Step-Down 關Module Regulator
LTM8052A LINER-LTM8052A Datasheet
686Kb / 32P
36VIN, 5A, 2-Quadrant CVCC Step-Down Module Regulator
More results


Similar Description - LTM8052

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650-1 LINER-LTM4650-1 Datasheet
662Kb / 36P
Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4650A LINER-LTM4650A Datasheet
2Mb / 38P
Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650A-1 LINER-LTM4650A-1 Datasheet
1Mb / 36P
Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
LTM8080 AD-LTM8080 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
logo
Monolithic Power System...
MPM3690-50A MPS-MPM3690-50A Datasheet
1Mb / 28P
16V, Dual 25A or Single 50A DC/DC Power Module
Rev. 1.0 5/24/2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com