Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8303 Datasheet (PDF) - Analog Devices

LT8303 Datasheet PDF - Analog Devices
Part # LT8303
Download  LT8303 Download
File Size   1108.43 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Industrial SPoE PD Controller

LT8303 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8303 Datasheet PDF - Analog Devices

Part # LT8303
Download  LT8303 Click to download

File Size   1108.43 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Industrial SPoE PD Controller

LT8303 Datasheet (HTML) - Analog Devices


LT8303 Product details

DESCRIPTION
The LTC®9111 is an IEEE 802.3cg compliant Single-Pair
Power over Ethernet (SPoE) Powered Device (PD) controller.
A wide 2.3V to 60V operating range capability with
polarity correction make the LTC9111 particularly well
suited for classification-based systems in building and
factory automation.
SCCP-based classification ensures full operating voltage
is applied by the Power Sourcing Equipment (PSE) only
when a valid PD is connected. The LTC9111 drives two
external N-channel MOSFET switches during classification
with micropower operation to minimize reservoir capacitor
requirements. An external N-channel MOSFET switch
isolates the output capacitance from the connector during
classification and inrush. A voltage supervisor enables the
external MOSFET when the PD input voltage exceeds the
ON voltage threshold for the configured class and after a
mandated delay. The EN output asserts after the controlled
GATE pin ramp-up. The MOSFET is disabled if the input
voltage drops below the OFF voltage threshold for the
configured class. The LTC9111 drives a pair of external
low-side N-channel MOSFETs with a low start-up voltage
of 1.6V for polarity correction with reduced power losses.

FEATURES
- IEEE 802.3cg Compliant
- Wide Input Voltage Range: 2.3V to 60V
- Supports Serial Communication Classification Protocol (SCCP)
- Wakeup Signature
- Integrated 3.5V Standby Regulator
- 150μA Maximum Current During Classification
- Drives Low-Side Bridge MOSFETs for Polarity Correction
- Charge Pump Enhances External N-Channel MOSFET
- Pin Programmable Class Configuration
- Available in 12-Pin MSOP and DFN 4mm × 3mm Packages

APPLICATIONS
- Building Automation
- Factory Automation
- Security Systems
- Traffic Control Systems




Similar Part No. - LT8303

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8303 LINER-LT8303 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
logo
Analog Devices
LT8303 AD-LT8303 Datasheet
1Mb / 38P
Boost, Flyback, SEPIC and Inverting Controller
Rev. G
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
More results


Similar Description - LT8303

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4275 LINER-LT4275 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4275 LINER-LT4275_15 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
NXP Semiconductors
TEA19031AT NXP-TEA19031AT Datasheet
336Kb / 37P
USB-PD controller for SMPS
Rev. 2-1 December 2017
logo
Core Technology (Shenzh...
CS32G020 CHIPSEA-CS32G020 Datasheet
1Mb / 45P
32 Type-C & PD controller
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
PD Interface Controller
logo
Microchip Technology
PD70210 MICROCHIP-PD70210 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
logo
Diodes Incorporated
AP43771 DIODES-AP43771 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
AP43771V DIODES-AP43771V Datasheet
792Kb / 14P
HIGH-PERFORMANCE USB PD CONTROLLER
Rev. 5 - 2 December 2021
logo
Analog Devices
LTC4296-1 AD-LTC4296-1 Datasheet
1Mb / 46P
5-Port SPoE PSE Controller
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com