Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF283R3S Datasheet (PDF) - Interpoint Corporation Company

MHF283R3S Datasheet PDF - Interpoint Corporation Company
Part # MHF283R3S
Download  MHF283R3S Download
File Size   314.59 Kbytes
Page   21 Pages
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company
Description DC/DC CONVERTERS 28 VOLT INPUT

MHF283R3S Datasheet (PDF)

Go To PDF Page Download Datasheet
MHF283R3S Datasheet PDF - Interpoint Corporation Company

Part # MHF283R3S
Download  MHF283R3S Click to download

File Size   314.59 Kbytes
Page   21 Pages
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company
Description DC/DC CONVERTERS 28 VOLT INPUT

MHF283R3S Datasheet (HTML) - Interpoint Corporation Company


MHF283R3S Product details

DESCRIPTION
The MHF+ Series™ of high frequency DC/DC converters offers a wide input voltage range of 16 to 40 volts and up to 15 watts of output power. The units are capable of withstanding short term transients up to 50 volts. The package is a hermetically sealed, welded metal case. Flanged and non-flanged models are available.

FEATURES
• –55° to +125°C operation
• 16 to 40 VDC input
• Fully isolated
• Optocoupler feedback
• Fixed frequency, 550 kHz typical
• Topology – Single Ended Forward
• 50 V for up to 50 ms transient protection
• Inhibit and sync functions
• Indefinite short circuit protection
• Undervoltage lockout
• Up to 84% efficiency, 28 W/in3




Similar Part No. - MHF283R3S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MHF283R3S INTERPOINT-MHF283R3S Datasheet
1Mb / 23P
Only 0.33 inches (8.38 mm) high in a hermetically sealed case
mhf283r3s/883 INTERPOINT-mhf283r3s/883 Datasheet
383Kb / 23P
MHF Single, Dual and Triple DC-DC Converters
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
MHF Single, Dual and Triple DC-DC Converters
More results


Similar Description - MHF283R3S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR121-2805 INTERPOINT-HR121-2805 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MHV283R3S INTERPOINT-MHV283R3S Datasheet
241Kb / 14P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com