Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3B-ZR-SM4-TF Datasheet (PDF) - JST Mfg. Co., Ltd.

B3B-ZR-SM4-TF Datasheet PDF - JST Mfg. Co., Ltd.
Part # B3B-ZR-SM4-TF
Download  B3B-ZR-SM4-TF Download
File Size   1016.16 Kbytes
Page   4 Pages
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.
Description 1.5 mm pitch/Disconnectable Crimp style connectors

B3B-ZR-SM4-TF Datasheet (PDF)

Go To PDF Page Download Datasheet
B3B-ZR-SM4-TF Datasheet PDF - JST Mfg. Co., Ltd.

Part # B3B-ZR-SM4-TF
Download  B3B-ZR-SM4-TF Click to download

File Size   1016.16 Kbytes
Page   4 Pages
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.
Description 1.5 mm pitch/Disconnectable Crimp style connectors

B3B-ZR-SM4-TF Datasheet (HTML) - JST Mfg. Co., Ltd.


B3B-ZR-SM4-TF Product details

The ZH connector is very small with
a mounting height of 5.6 mm and a thickness
of only 3.5 mm. Contact retention lances on
the housing make insertion easier, while
the dimple at the center of the contact
ensures reliable contact with the post.
● Compact, low profile design
● Housing lances
● Reliable contact construction
● Distortion resistant construction
● Compatible with the ZR insulation
displacement connectors
®

Specifications
• Current rating: 1.0 A AC/DC (AWG #26)
• Voltage rating: 50 V AC/DC
• Temperature range: -25℃ to +85℃
( including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 20 mΩ max.
After environmental tests/ 30 mΩ max.
• Insulation resistance: 500 MΩ min.
• Withstanding voltage: 500 VAC/minute
• Applicable wire: AWG #32 to #26
• Applicable PC board thickness: 0.6 to 1.2 mm, 1.6 mm
* In using the products, refer to "Handling Precautions for Terminals
and Connectors" described on our website (Technical documents
of Product information page).
* RoHS2 compliance
* Dimensional unit: mm
* Contact JST for details.




Similar Part No. - B3B-ZR-SM4-TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3B-ZR-SM4-TF ETC2-B3B-ZR-SM4-TF Datasheet
163Kb / 4P
1.5mm pitch/Disconnectable Crimp style connectors
B3B-ZR-SM4-TF ETC-B3B-ZR-SM4-TF Datasheet
163Kb / 4P
1.5mm pitch/Disconnectable Crimp style connectors
More results


Similar Description - B3B-ZR-SM4-TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SHLV JST-SHLV Datasheet
159Kb / 2P
1.0 mm pitch/Disconnectable Crimp style connectors
SSHL-002T-P0.2 JST-SSHL-002T-P0.2 Datasheet
842Kb / 5P
1.25 mm pitch/Disconnectable Crimp style connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com