Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1154078 Datasheet (PDF) - PHOENIX CONTACT

1154078 Datasheet PDF - PHOENIX CONTACT
Part # 1154078
Download  1154078 Download
File Size   376.43 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMD female connectors - FP 0,8/ 80-FV 10,85

1154078 Datasheet (PDF)

Go To PDF Page Download Datasheet
1154078 Datasheet PDF - PHOENIX CONTACT

Part # 1154078
Download  1154078 Click to download

File Size   376.43 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMD female connectors - FP 0,8/ 80-FV 10,85

1154078 Datasheet (HTML) - PHOENIX CONTACT


1154078 Product details

SMD female connector, nominal current: 1.7 A, Test voltage: 500 V AC, number of positions: 80,
pitch: 0.8 mm, color: black, contact surface: Gold, type of contact: Female connector, mounting:
SMD soldering

Your advantages
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Reliable mechanical and electrical connections, thanks to the double-sided ScaleX contact system
• Robustness: ScaleX technology for high tolerance compensation and protection of contacts
• Flexible device design: various numbers of positions, designs, and stack heights with high wipe lengths




Similar Part No. - 1154078

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1154075 PHOENIX-1154075 Datasheet
379Kb / 10P
SMD female connectors - FP 0,8/ 20-FV 10,85
May 9, 2022
1154076 PHOENIX-1154076 Datasheet
379Kb / 10P
SMD female connectors - FP 0,8/ 32-FV 10,85
May 9, 2022
1154077 PHOENIX-1154077 Datasheet
379Kb / 10P
SMD female connectors - FP 0,8/ 52-FV 10,85
May 9, 2022
More results


Similar Description - 1154078

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1061667 PHOENIX-1061667 Datasheet
645Kb / 15P
FP 0,8/ 80-FV 4,85
1154031 PHOENIX-1154031 Datasheet
393Kb / 10P
SMD female connector, shielded - FP 0,8/ 12-FV-SH 10,85
May 9, 2022
1154032 PHOENIX-1154032 Datasheet
393Kb / 10P
SMD female connectors - FP 0,8/ 20-FV-SH 10,85
May 9, 2022
1154033 PHOENIX-1154033 Datasheet
393Kb / 10P
SMD female connectors - FP 0,8/ 32-FV-SH 10,85
May 9, 2022
1154034 PHOENIX-1154034 Datasheet
393Kb / 10P
SMD female connectors - FP 0,8/ 52-FV-SH 10,85
May 9, 2022
1154035 PHOENIX-1154035 Datasheet
393Kb / 10P
SMD female connectors - FP 0,8/ 80-FV-SH 10,85
May 9, 2022
1154075 PHOENIX-1154075 Datasheet
379Kb / 10P
SMD female connectors - FP 0,8/ 20-FV 10,85
May 9, 2022
1154076 PHOENIX-1154076 Datasheet
379Kb / 10P
SMD female connectors - FP 0,8/ 32-FV 10,85
May 9, 2022
1154077 PHOENIX-1154077 Datasheet
379Kb / 10P
SMD female connectors - FP 0,8/ 52-FV 10,85
May 9, 2022
1154128 PHOENIX-1154128 Datasheet
376Kb / 9P
SMD female connectors - FP 0,8/ 12-FV 10,85
Nov 3, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com