Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S18UIAR Datasheet (PDF) - Banner Engineering Corp.

S18UIAR Datasheet PDF - Banner Engineering Corp.
Part # S18UIAR
Download  S18UIAR Download
File Size   1011.16 Kbytes
Page   12 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description U-GAGE™ S18U Series Sensors with Analog Output

S18UIAR Datasheet (PDF)

Go To PDF Page Download Datasheet
S18UIAR Datasheet PDF - Banner Engineering Corp.

Part # S18UIAR
Download  S18UIAR Click to download

File Size   1011.16 Kbytes
Page   12 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description U-GAGE™ S18U Series Sensors with Analog Output

S18UIAR Datasheet (HTML) - Banner Engineering Corp.


S18UIAR Product details

Features
• Fast, easy-to-use TEACH-Mode programming; no potentiometer adjustments
• Short dead zone
• Scalable output automatically distributes the output signal over the width of the programmed sensing window
• Two bi-colored status LEDs
• Rugged encapsulated design for harsh environments
• Choose 2 meter or 9 meter unterminated cable, or 5-pin Euro-style QD connector
• Wide operating range of -20° to +60°C (-4° to +140°F)
• Choose either straight or right-angle housing
• Temperature compensation
• Selectable response times of 2.5 or 30 ms
• Select analog models with either 0-10V dc or 4-20 mA output




Similar Part No. - S18UIAR

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
S18U BANNER-S18U Datasheet
400Kb / 8P
Series Sensors with Discrete Output
S18UBA BANNER-S18UBA Datasheet
400Kb / 8P
Series Sensors with Discrete Output
S18UBAQ BANNER-S18UBAQ Datasheet
400Kb / 8P
Series Sensors with Discrete Output
S18UBAR BANNER-S18UBAR Datasheet
400Kb / 8P
Series Sensors with Discrete Output
S18UBARQ BANNER-S18UBARQ Datasheet
400Kb / 8P
Series Sensors with Discrete Output
More results


Similar Description - S18UIAR

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RBIP015AU SENSORTECHNICS-RBIP015AU Datasheet
125Kb / 9P
Pressure sensors with analog and digital output
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Honeywell Accelerometer...
26PCCFB2G HONEYWELL-ACC-26PCCFB2G Datasheet
80Kb / 2P
Pressure Sensors Gage and Differential/Unamplified
logo
Banner Engineering Corp...
K50UX1ARA BANNER-K50UX1ARA Datasheet
806Kb / 6P
U-GAGE K50U Ultrasonic Sensor
S18U BANNER-S18U Datasheet
400Kb / 8P
Series Sensors with Discrete Output
T18U BANNER-T18U Datasheet
552Kb / 4P
U-GAGE T18U Series Sensor
T30UX BANNER-T30UX Datasheet
583Kb / 11P
T30UX Series with Analog Output
M18T BANNER-M18T Datasheet
611Kb / 8P
T-GAGE??M18T Series Infrared Temperature Sensors
K50U BANNER-K50U Datasheet
806Kb / 6P
Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
logo
Honeywell Solid State E...
50042440 HONEYWELL-50042440 Datasheet
553Kb / 2P
ASDX Series Silicon Pressure Sensors with Analog Output
July 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com