Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9DRH-ITF Datasheet (PDF) - List of Unclassifed Manufacturers

X9DRH-ITF Datasheet PDF - List of Unclassifed Manufacturers
Part # X9DRH-ITF
Download  X9DRH-ITF Download
File Size   175.71 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SuperChassis 836BE1C-R1K03B

X9DRH-ITF Datasheet (PDF)

Go To PDF Page Download Datasheet
X9DRH-ITF Datasheet PDF - List of Unclassifed Manufacturers

Part # X9DRH-ITF
Download  X9DRH-ITF Click to download

File Size   175.71 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SuperChassis 836BE1C-R1K03B

X9DRH-ITF Datasheet (HTML) - List of Unclassifed Manufacturers


X9DRH-ITF Product details

Key Features
1. 3U chassis - supports for maximum
motherboard sizes: 13.68" x 13" E-ATX
and ATX
2. 16 x 3.5" hot-swap SAS/SATA drive bay
with SES2, optional 2 x 2.5" hot-swap drive
bay
3. 16-port 3U SAS3 12Gbps single-expander
backplane, support up to 16x 3.5-inch
SAS3/SATA3 HDD/SSD
4. 1U 800/1000W Redundant Titanium Single
Output Power Supply W/PMbus
5. 7 full-height & full-length expansion
slot(s)
6. 3 x 8cm hot-swap redundant PWM cooling
fan(s)
7. 2 x 8cm hot-swap exhaust fan(s) & air
shroud




Similar Part No. - X9DRH-ITF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X9DR3-F ETC1-X9DR3-F Datasheet
10Mb / 111P
Supermicro Mainboard
X9DR7-LN4F ETC1-X9DR7-LN4F Datasheet
1Mb / 1P
Insert the desired number of DIMMs into the memory slots
X9DR7-TF ETC1-X9DR7-TF Datasheet
13Mb / 117P
Supermicro Mainboard
X9DR7-TF+ ETC1-X9DR7-TF+ Datasheet
13Mb / 117P
Supermicro Mainboard
X9DRE-7LN4F ETC1-X9DRE-7LN4F Datasheet
1Mb / 1P
Insert the desired number of DIMMs into the memory slots
More results


Similar Description - X9DRH-ITF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSE-PT51L ETC2-CSE-PT51L Datasheet
219Kb / 1P
SuperChassis 815TQ-R450UV / 815TQ-R450UB
PRSQ80GCBCB ETC2-PRSQ80GCBCB Datasheet
121Kb / 1P
SuperChassis 502-200B
S19258PBIB ETC2-S19258PBIB Datasheet
121Kb / 1P
SuperChassis 502-200B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com