Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4H Datasheet (PDF) - Panasonic Semiconductor

LC4H Datasheet PDF - Panasonic Semiconductor
Part # LC4H
Download  LC4H Download
File Size   236.27 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description DIN 48 SIZE LCD ELECTRONIC COUNTER

LC4H Datasheet (PDF)

Go To PDF Page Download Datasheet
LC4H Datasheet PDF - Panasonic Semiconductor

Part # LC4H
Download  LC4H Click to download

File Size   236.27 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description DIN 48 SIZE LCD ELECTRONIC COUNTER

LC4H Datasheet (HTML) - Panasonic Semiconductor


LC4H Product details

Features
1. Bright and Easy-to-Read Display
A brand new bright 2-color backlight LCD
display. The easy-to-read screen in any
location makes checking and setting procedures
a cinch.
2. Simple Operation
Seesaw buttons make operating the unit
even easier than before.
3. Short Body of only 64.5 mm 2.539
inch (screw type) or 70.1 mm 2.760
inch (pin type)
With a short body, it easily installs in
even narrow control panels.
4. Conforms to IP66’s Weather
Resistant Standards
The water-proof panel keeps out water
and dirt for reliable operation even in
poor environments.
5. Screw terminal and Pin Type are
Both Standard Options
The two terminal types are standard
options to support either front panel
installation or embedded installation.
6. Changeable Panel Cover
Also offers a black panel cover to meet
your design considerations.
7. 4-digit or 6-digit display
Two sizes of displays are offered for you
to choose the one that suits your needs.
8. Compliant with UL, c-UL and CE.




Similar Part No. - LC4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LC4 ILLINOISCAPACITOR-LC4 Datasheet
630Kb / 3P
High AC Voltage - High current
logo
DONG IL TECHNOLOGY LTD.
LC4 DIT-LC4 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
logo
Microsemi Corporation
LC40 MICROSEMI-LC40 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LC40 MICROSEMI-LC40 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC40 MICROSEMI-LC40 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - LC4H

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FDFD7409-1 APITECH-FDFD7409-1 Datasheet
610Kb / 2P
Electronic Counter Measurers
FDFD7409-2 APITECH-FDFD7409-2 Datasheet
671Kb / 2P
Electronic Counter Measurers
FDFD7409-6 APITECH-FDFD7409-6 Datasheet
716Kb / 3P
Electronic Counter Measurers
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD_17 Datasheet
622Kb / 30P
48-BIT QUADRATURE COUNTER
logo
SELEC Controls Pvt. Ltd
LXC900 SELEC-LXC900 Datasheet
158Kb / 1P
Miniature LCD Counter
XC10D SELEC-XC10D Datasheet
133Kb / 1P
Digital LCD Counter
XC410 SELEC-XC410 Datasheet
372Kb / 1P
Digital LCD Counter
logo
FOTEK CONTROLS CO., LTD...
HC-4T FOTEK-HC-4T Datasheet
1Mb / 4P
DIN 72X72 Digital Counter
SC-362M FOTEK-SC-362M Datasheet
1Mb / 2P
DIN 72x72 COUNTER&METER
logo
Adlink Technology Inc.
CPCI-7248 ADLINK-CPCI-7248 Datasheet
297Kb / 1P
48-CH DIO & Timer/Counter Cards
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com